Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESSW Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESSW
Description  ESSWpre-printed, laminated, self-adhesive safety and warning signs.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSW Datasheet(HTML) 1 Page - Tyco Electronics

  ESSW Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No:
TTDS 205 Rev1
TECHNICAL DATASHEET
Tyco Electronics
ESSW
Tyco Electronics idento GmbH
Paul-Ehrlich-Straße 23
D-63322 Rödermark
Tel.: 06074/8908-0
Tyco Electronics Idento
ZI de Comboire - 1 rue des
Montagnes de Lans
F-38130 Echirolles
Phone: +33 (0) 476 099 696
Author: M Priddle
Print date: 29-Jun-10
Updated:8-Jun-10
Page:
1 of 2
All the above information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their application.
Tyco Electronics Corporation makes no warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use. Tyco Electronics’ only
obligations are those in the Standard Terms and Conditions of Sale for this product and in no case will Tyco Electronics be liable for any incidental, indirect or consequential
damages arising from the sale, resale, use or misuse of the product. Tyco Electronics Specifications are subject to change without notice. In addition Tyco Electronics reserves
the right to make changes in materials or processing, without notification to the Buyer, which do not affect compliance with any applicable specification.
ESSW – pre-printed, laminated, self-adhesive safety and warning signs.
Label material
Polyester, clear gloss on soft vinyl, gloss yellow
Adhesive layers
Permanent pressure sensitive acrylic
Liner
Glassine
Dimensions:
PET Face material:
thickness
Adhesive:
coating wt.
Vinyl:
thickness
0.023mm ±10%
18g/m
2 ±10%
0.07mm ±10%
ASTM D374-88
FTM-12
ASTM D374-88
Peel Adhesion at 23°C
Stainless steel
540 N/m
FTM 1 (72 hour dwell)
Average values
Service Temperature
-30ºC to +120 ºC
Minimum application temperature
10 ºC
Print permanence
Dry rub
Print legible after 500+ rubs
SAE-AS-81531


Similar Part No. - ESSW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS VISHAY-ESS Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
ESS-10 VISHAY-ESS-10 Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS-10 VISHAY-ESS-10 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
Festo Corporation.
ESS-10-BN FESTO-ESS-10-BN Datasheet
76Kb / 1P
Vacuum suction cup
6/10/22
More results

Similar Description - ESSW

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6542J POMONA-6542J Datasheet
36Kb / 1P
Self-Adhesive Thermocouple
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_10 Datasheet
627Kb / 28P
Overtemperature Warning and Protection (Shutdown)
logo
Tyco Electronics
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
ETAL Group
808-H ETAL-808-H Datasheet
136Kb / 2P
Printed circuit boards and components, safety and control systems
logo
TT Electronics.
DS3015 TTELEC-DS3015 Datasheet
288Kb / 1P
Self Adhesive Patch Thermocouple
logo
3M Electronics
3748VO 3M-3748VO Datasheet
142Kb / 6P
3M™ Self-Extinguishing Hot Melt Adhesive 3748 VO
Feb-2015
AL-36NC 3M-AL-36NC Datasheet
226Kb / 2P
Polyester-Laminated Aluminum Foil with Acrylic Adhesive
2004
logo
SparkFun Electronics
PRT-09567 SPARKFUN-PRT-09567 Datasheet
77Kb / 1P
Breadboard - Translucent Self-Adhesive (Clear)
5-15-17
PRT-11317 SPARKFUN-PRT-11317 Datasheet
611Kb / 2P
Breadboard - Translucent Self-Adhesive (Red)
9??2??7
logo
Pepperl+Fuchs Inc.
BMKL18X8 PF-BMKL18X8 Datasheet
357Kb / 2P
Self-adhesive label
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com