Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP40
Description  Use recommendations for machines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP40 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-mail : cif@cif.fr - Site web : http://www.cif.fr
The realisation of a printed circuit needs many equipments, products and accessories… Your choice will be first
based on technical and then financial criterias thanks to available budget.Taking care of our wide range of
equipments and products, the following pages have been created to advise the user the best possible.
Article Hobby 1 face 2 faces Metallised
code
2 faces
SINGLE SIDED EXPOSURE UNITS
Working area 160 x 260 mm, "hobby" model
DP42
●
Working area 180 x 400 mm, «kit»-fitting model
BC6
●
●
Working area 180 x 400 mm, Fully assembled model
BC10
●
Working area 254 x 405 mm, MI 10-16 model
BC4
●
Working area 235 x 400 mm, SFE 2340 model
DP 136
●
Working area 300 x 400 mm, SFT 3040 model
DP 39
●
DOUBLE SIDED UV-EXPOSURE UNITS
Working area 235 x 400 mm, DP 134 model
DP134
●
●
Working area 300 x 400 mm, DFT 3040 model
DP40
●
●
●
Working area 400 x 500 mm, CSV 4050 model
DP3
●
●
●
Working area 500 x 600 mm, CSV 5060 model
DP4
●
●
●
ETCHING MACHINES 1 F
Working area 180 x 280 mm, "hobby" model
DP41
●
Working area 180 x 240 mm, GRAV'CI 2 model
BB2
●
Working area 180 x 240 mm, GRAV'CI 2, 48V model
BB28
●
Working area 270 x 410 mm, GRAV'CI 3 model
BB3
●
Working area 270 x 410 mm, GRAV'CI 3, 48V model
BB38
●
Working area 200 x 300 mm, GIROJET 1 model
DP8
●
ETCHING MACHINES 2 F
Working area 200 x 300 mm, BB 4 model
BB4
●
●
Working area 200 x 300 mm, 48Volts, BB 48 model
BB48
●
●
Article Hobby 1 face 2 faces Metallised
code
2 faces
ETCHING MACHINES 2 F
Working area 200 x 300 mm, GR 2030 model
DP36
●
●
Working area 240 x 340 mm, GR 2434 model
DP37
●
●
Working area 200 x 300 mm, GIROJET 2 model
DP9
●
●
Working area 300 x 300 mm, GIROJET R3 model
DP10
●
●
Working area 250 x 8 mm, AUTOJET model
DP86/88/90
●
●
●
Working area 300 x 8 mm, GTA 300 model
DP13
●
●
●
Working area 400 x 8 mm, GTA 400 model
EP11
●
●
●
Working area 300 x 8 mm, PHENIX 300 model
EP38T
●
●
●
Working area 300 x 8 mm, GAP 300 model
EP38
●
●
●
HIGH SPEED DRILLING MACHINE
DS 115 model
DS115
●
●
●
DS 140 model
DP140
●
●
●
TECHNO 007 MR model
DP593
●
●
TECHNO 010 model
EP501
●
●
●
PC CONTROLLED 3 AXES DRILLING CUTTING MACHINES
TECHNODRILL model
C11000
●
●
●
Use recommendations for machines


Similar Part No. - DP40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
logo
Omega Engineering, Inc.
DP40-25SC2 OMEGA-DP40-25SC2 Datasheet
728Kb / 5P
1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
DP40-25SC4 OMEGA-DP40-25SC4 Datasheet
728Kb / 5P
1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
DP40-9SC2 OMEGA-DP40-9SC2 Datasheet
728Kb / 5P
1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
More results

Similar Description - DP40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN4002 MA-COM-AN4002 Datasheet
41Kb / 1P
Recommendations For Long -Term Transistor Storage
logo
STMicroelectronics
AN2354 STMICROELECTRONICS-AN2354 Datasheet
265Kb / 21P
ST10 UART recommendations
25-Sep-2013
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
package description and recommendations for use
19-Oct-2012
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
package description and recommendations for use
19-Oct-2012
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
package description and recommendations for use
05-Aug-2013
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
package description and recommendations for use
10-Dec-2014
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
Mounting recommendations for ceramic DMOS packages
08-Jun-2011
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
23-Jul-2013
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
Description of WLCSP for microcontrollers and recommendations for use
25-Jun-2014
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
25-Nov-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com