Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS-3/4. Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BBS-3/4.
Description  Fast-Acting Ferrule Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BBS-3/4. Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BBS-3/4. Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: BBS
Fast-Acting
1/10 TO 30A
Interrupting Rating: 10 KA
UL Listed, STD. 248-14
0-5A/600Vac OR LESS, 6-10A/250Vac
(GUIDE #JDYX, FILE #E19180)
CSA CERTIFIED, C22.2 NO. 248.14
0-5A/600V, 6-10A/250Vac
(CLASS #1422-01, FILE #53787)
Fast-Acting Ferrule Fuses
BBS
13/32” x 1-3/8”
Form No. BBS
Page 1 of 1
Data Sheet: 2010
Bussmann®
10-2-02
SB02295
1.38"
(
±0.031)
0.41"
(
±0.004)
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheeti are by definition uncontrolled. This bulletin is intended to clear-
ly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any prod-
ucts and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected,
it should be tested by the user in all possible applications.
Dimensional Data
CURRENT IN AMPERES
100
10
1
.1
.01
AMPERE
RATING
Electrical Ratings (Catalog Symbol and Amperes)
600Vac
250Vac
48Vac
BBS-1/10
BBS-1
BBS-6
BBS-12
BBS-2/10
BBS-1-1/2
BBS-7
BBS-15
BBS-1/4
BBS-1-6/10
BBS-8
BBS-20
BBS-4/10
BBS-1-8/10
BBS-10
BBS-25
BBS-1/2
BBS-2
—
BBS-30
BBS-6/10
BBS-3
—
—
BBS-3/4
BBS-4
—
—
BBS-8/10
BBS-5
—
—
Time-Current Characteristic Curves–Average Melt
• For control circuits, gaseous vapor fixture, HID ballasts;
electronic circuits and hand-held meters.
• Fibre Tube.
• Nickel Plated Brass Endcaps.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Recommended fuseblocks/fuseholders for
13/32” x 1-1/2” fuses
See Data Sheets listed below
• Open fuseblocks - 1104, 2104
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113, 2108,
2112, 2109, 2140
• In-line fuseholders - 2127, 2126


Similar Part No. - BBS-3/4.

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BBS-3/4 COOPER-BBS-3/4 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
BBS-3/4 COOPER-BBS-3/4 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BBS-3/4 EATON-BBS-3/4 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
More results

Similar Description - BBS-3/4.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
Ferrule Type, Fast-Acting Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
KTQ COOPER-KTQ Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Cooper Bussmann, Inc.
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com