Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC412M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # EC412M
Description  MODULAR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

EC412M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  EC412M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HEAT SEAL
VELCRO
VELCRO
FELT
TAB
HOOKS
STRAP IS LOOPED
THROUGH SLOT ON
BRACKET OF THIS TELCO
CONNECTOR AND HEAT
SEALED
524
NO CONNECTIONS TO TELCO CONTACTS 25 & 50
50mm OF VELCRO HOOKS AND 50mm OF FELT. THERE IS A PULL TAB ON THE
NOTES:
49
3. EACH CLUSTER BAR HAS A SPECIAL MOUNTING STRAP HAVING APPROXIMATELY
MOUNTING TAPE OF THE SAME LENGTH AS THE ABS HOUSING.
5
2. EACH CLUSTER BAR IS INDIVIDUALLY PACKAGED IN A PLASTIC BAG WITH
12
(2) 35mm (1.38) LONG WOOD SCREWS AND (1) PIECE OF DOUBLE SIDED
2
1. HOUSING IS ABS PLASTIC, COLOR: GRAY.
HOOKS END AND A HEAT SEALED LOOP ON THE FELT END.
(IN ACCORDANCE WITH SCHEDULE 0 (USOC) 4 WIRE)
WIRE MAP
JACK
NO.
RJ11
PIN NO.
50 PIN
CONNECTOR
JACK
NO.
RJ11
PIN NO.
50 PIN
CONNECTOR
1
426
7
438
31
3
13
227
2
39
52
5
14
2
428
8
440
33
3
15
229
2
41
54
5
16
3
430
9
442
35
3
17
231
2
43
56
5
18
4
432
10
444
37
3
19
233
2
45
58
5
20
5
434
11
446
39
3
21
235
2
47
510
5
22
6
436
12
448
311
3
23
237
MODEL NUMBER
TELCO CONNECTOR
EC412F
FEMALE
EC412M
MALE
50 CONTACT TELCO
MALE OR FEMALE
CONNECTOR
0.33 MIN. C'BORE
WITH
2X
.158 MIN. THRU HOLE
BRACKET FOR
VELCRO STRAP
(SUPPLIED) FOR
SECURING CABLE
CONNECTOR
4.33
110
1.57
40
PIN 2
(TYP)
PIN 5
(TYP)
(12) RJ11 JACKS
7.95
202
1.03
26
BRIDGING ADAPTER 12 PORT(6X4)
APPROVED
COLOR VARIATIONS
43321
EC412F
FSCM NO.
ECN 99999: REVISED DESCRIPTION TO 6X4
3
7/21/99
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
MODULAR
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
1
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
NORTH ANDOVER, MA
5
6
7
MAY OCCUR
8
A
EC412F.SLDDRW
1
DRAWING NUMBER WAS 96-091101
7/22/99
REVISIONS
A
7/21/09
BJD
A
7/22/99
REV
8/11/09
D. CASTRO
DESCRIPTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
NONE
2
ENG
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
ECN 99999: ADDED TABLE
MAY VARY
5/14/10
PROJECTION
TJC
D. CASTRO
DATE
A
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - EC412M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
EC412M L-COM-EC412M Datasheet
52Kb / 1P
BRIDGING ADAPTER 12 PORT(6X4)
7/21/99
More results

Similar Description - EC412M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101309 ETC2-AX101309 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101311 ETC2-AX101311 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101313 ETC2-AX101313 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101315 ETC2-AX101315 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101318 ETC2-AX101318 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101320 ETC2-AX101320 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101322 ETC2-AX101322 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101324 ETC2-AX101324 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101326 ETC2-AX101326 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX102283 ETC2-AX102283 Datasheet
113Kb / 4P
Modular Connectors - 10GX Modular Jack -KeyConnect
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com