Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5EN-R3PMT-500-N Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5EN-R3PMT-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3PMT-500-N Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5EN-R3PMT-500-N Datasheet HTML 4Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 5Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 6Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 7Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 8Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 9Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 10Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 11Page - Omron Electronics LLC E5EN-R3PMT-500-N Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Basic-type Digital Temperature Controller
E5AN/E5EN
Alarm Outputs
Each alarm can be independently set to one of the following 13 alarm types. The default is 2: Upper limit.
Auxiliary outputs are allocated for alarms. ON delays and OFF delays (0 to 999 s) can also be specified.
Note: For models with heater burnout, SSR failure, and heater overcurrent detection, alarm 1 will be an OR output of the alarm selected from the
following alarm types and the alarms for heater burnout, SSR failure, and heater overcurrent. To output only a heater burnout alarm, SSR
failure alarm, and heater overcurrent alarm for alarm 1, set the alarm type to 0 (i.e., no alarm function).
✽1. With set values 1, 4 and 5, the upper and lower limit values can
be set independently for each alarm type, and are expressed as
“L” and “H.”
✽2. Set value: 1, Upper- and lower-limit alarm
✽3. Set value: 4, Upper- and lower-limit range
✽4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above
• Case 1 and 2
Always OFF when the upper-limit and lower-limit hysteresis
overlaps.
• Case 3: Always OFF
✽5. Set value: 5, Upper- and lower-limit with standby sequence
Always OFF when the upper-limit and lower-limit hysteresis
overlaps.
Set
value
Alarm type
Alarm output operation
When X is
positive
When X is
negative
0
Alarm function
OFF
Output OFF
1
✽1
Upper- and
lower-limit
✽2
2
Upper limit
3
Lower limit
4
✽1
Upper- and
lower-limit range
✽3
5
✽1
Upper- and
lower-limit with
standby
sequence
✽5
✽4
6
Upper-limit with
standby
sequence
7
Lower-limit with
standby
sequence
8
Absolute-value
upper-limit
9
Absolute-value
lower-limit
10
Absolute-value
upper-limit with
standby
sequence
11
Absolute-value
lower-limit with
standby
sequence
12
LBA (for alarm 1
only)
---
13
PV change rate
alarm
---
ON
OFF
SP
LH
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
LH
ON
OFF
SP
LH
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
LH
H < 0, L > 0
⏐H⏐ < ⏐L⏐
SP
Case 1
LH
H > 0, L < 0
⏐H⏐ > ⏐L⏐
SP
Case 2
L
H
H < 0, L < 0
SP
L
H
H < 0, L > 0
⏐H⏐ ≥ ⏐L⏐
SP
L
H
H > 0, L < 0
⏐H⏐ ≤ ⏐L⏐
SP
Case 3 (Always ON)
LH SP
Case 1
LH
SP
Case 2
L
HSP
L
L
HSP
H
SP
Case 3 (Always OFF)
H < 0, L > 0
⏐H⏐ < ⏐L⏐
H > 0, L < 0
⏐H⏐ > ⏐L⏐
H < 0, L < 0
H < 0, L > 0
⏐H⏐ ≥ ⏐L⏐
H > 0, L < 0
⏐H⏐ ≤ ⏐L⏐



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com