Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57560G103 Datasheet(PDF) 5 Page - EPCOS

Part # B57560G103
Description  THERMISTOR, NTC; Zero Power Resistance at 25°C:10kohm; Product Range:-; Thermistor Mounting:Through...
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G103 Datasheet(HTML) 5 Page - EPCOS

  B57560G103 Datasheet HTML 1Page - EPCOS B57560G103 Datasheet HTML 2Page - EPCOS B57560G103 Datasheet HTML 3Page - EPCOS B57560G103 Datasheet HTML 4Page - EPCOS B57560G103 Datasheet HTML 5Page - EPCOS B57560G103 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
b
25.09.01
Ausg
.
Mitteilung
Datum
Name
Issue
Info No.
Date
Sign
DATENBLATT / DATA SHEET
HEISSLEITER / NTC
B57560G103+
6
Bl./Page
FBL1A/d
Resistance Temperature Characteristics
R at 25°C
10000 [
Ω]
B(0/100)
3450 [K] ± 1 [%]
RN at 25 °C
10000 [
Ω] ± 3 [%]
T
[°C]
R_nom
[
Ω
Ω
Ω
Ω]
R_min
[
Ω
Ω
Ω
Ω]
R_max
[
Ω
Ω
Ω
Ω]
∆∆∆∆R/R
N
[±%]
∆∆∆∆T
[±°C]
α
αα
α
[%/K]
-55
519911
483361
558722
7,5
1,2
6,4
-50
379894
354441
406808
7,1
1,1
6,2
-45
280697
262779
299566
6,7
1,1
6,0
-40
209603
196860
222969
6,4
1,1
5,8
-35
158088
148940
167648
6,0
1,1
5,6
-30
120372
113744
127271
5,7
1,1
5,4
-25
92484
87642
97505
5,4
1,0
5,2
-20
71668
68103
75352
5,1
1,0
5,0
-15
55993
53348
58716
4,9
1,0
4,9
-10
44087
42111
46114
4,6
1,0
4,7
-5
34971
33485
36489
4,3
0,9
4,6
0
27936
26813
29081
4,1
0,9
4,4
5
22468
21613
23335
3,9
0,9
4,3
10
18187
17534
18848
3,6
0,9
4,2
15
14813
14311
15319
3,4
0,8
4,1
20
12136
11749
12525
3,2
0,8
3,9
25
10000
9700
10300
3,0
0,8
3,8
30
8284
8021
8549
3,2
0,9
3,7
35
6899
6667
7133
3,4
0,9
3,6
40
5774
5570
5980
3,6
1,0
3,5
45
4856
4676
5038
3,8
1,1
3,4
50
4103
3944
4264
3,9
1,2
3,3
55
3482
3342
3624
4,1
1,3
3,2
60
2967
2843
3094
4,3
1,3
3,2
65
2539
2430
2652
4,4
1,4
3,1
70
2182
2084
2282
4,6
1,5
3,0
75
1882
1795
1971
4,7
1,6
2,9
80
1629
1552
1708
4,9
1,7
2,9
85
1415
1346
1486
5,0
1,8
2,8
90
1234
1172
1297
5,2
1,9
2,7
95
1079
1024
1136
5,3
2,0
2,7
100
946,6
897,1
997,9
5,4
2,1
2,6
105
833,1
788,6
879,4
5,6
2,2
2,5
110
735,5
695,3
777,2
5,7
2,3
2,5
115
651,1
614,9
688,9
5,8
2,4
2,4
120
578,1
545,3
612,3
5,9
2,5
2,4
125
514,6
484,9
545,7
6,0
2,6
2,3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com