Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57560G104 Datasheet(PDF) 5 Page - EPCOS

Part # B57560G104
Description  THERMISTOR, 100K, 1%, NTC, RAD; Zero Power Resistance at 25°C:100kohm; Product Range:B57560G Series...
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G104 Datasheet(HTML) 5 Page - EPCOS

  B57560G104 Datasheet HTML 1Page - EPCOS B57560G104 Datasheet HTML 2Page - EPCOS B57560G104 Datasheet HTML 3Page - EPCOS B57560G104 Datasheet HTML 4Page - EPCOS B57560G104 Datasheet HTML 5Page - EPCOS B57560G104 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
a
25.09.01
Ausg
.
Mitteilung
Datum
Name
Issue
Info No.
Date
Sign
DATENBLATT / DATA SHEET
HEISSLEITER / NTC
B57560G104+
6
Bl./Page
FBL1A/d
Resistance Temperature Characteristics
R at 25°C
100000 [
Ω]
B(0/100)
4036 [K] ± 1 [%]
RN at 25 °C
100000 [
Ω] ± 3 [%]
T
[°C]
R_nom
[
Ω
Ω
Ω
Ω]
R_min
[
Ω
Ω
Ω
Ω]
R_max
[
Ω
Ω
Ω
Ω]
∆∆∆∆R/R
N
[±%]
∆∆∆∆T
[±°C]
α
αα
α
[%/K]
-55
10723236
9897790
11607065
8,2
1,1
7,7
-50
7366689
6827867
7940878
7,8
1,1
7,4
-45
5132757
4776226
5510938
7,4
1,0
7,1
-40
3624165
3385242
3876459
7,0
1,0
6,9
-35
2591304
2429285
2761640
6,6
1,0
6,6
-30
1874913
1763822
1991207
6,2
1,0
6,4
-25
1371886
1294924
1452115
5,8
0,9
6,2
-20
1014545
960710
1070431
5,5
0,9
5,9
-15
757881
719885
797164
5,2
0,9
5,8
-10
571590
544549
599434
4,9
0,9
5,6
-5
435026
415633
454914
4,6
0,8
5,4
0
333964
319956
348271
4,3
0,8
5,2
5
258497
248314
268857
4,0
0,8
5,1
10
201659
194212
209204
3,7
0,8
4,9
15
158499
153023
164023
3,5
0,7
4,8
20
125468
121423
129531
3,2
0,7
4,6
25
100000
97000
103000
3,0
0,7
4,5
30
80223
77642
82814
3,2
0,7
4,4
35
64759
62541
66995
3,5
0,8
4,2
40
52589
50682
54519
3,7
0,9
4,1
45
42951
41310
44618
3,9
1,0
4,0
50
35272
33858
36713
4,1
1,0
3,9
55
29119
27898
30366
4,3
1,1
3,8
60
24161
23105
25242
4,5
1,2
3,7
65
20144
19230
21084
4,7
1,3
3,6
70
16874
16080
17692
4,8
1,4
3,5
75
14198
13507
14911
5,0
1,5
3,4
80
11998
11396
12622
5,2
1,6
3,3
85
10181
9655
10727
5,4
1,7
3,2
90
8674
8213
9154
5,5
1,7
3,2
95
7419
7013
7841
5,7
1,8
3,1
100
6369
6012
6741
5,8
1,9
3,0
105
5487
5172
5816
6,0
2,0
2,9
110
4744
4465
5035
6,1
2,1
2,9
115
4115
3868
4373
6,3
2,2
2,8
120
3581
3362
3811
6,4
2,3
2,8
125
3126
2931
3331
6,6
2,4
2,7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com