Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B722 Datasheet(PDF) 6 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 6 Page - EPCOS

Back Button B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS B722 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 385 V
B72232B0381K001
620
±10
1025
200
1400
B72240B0381K001
620
±10
1025
300
1900
B72260B0381K001
620
±10
1025
500
4600
B72280B0381K001
620
±10
1025
800
9000
VRMS = 420 V
B72232B0421K001
680
±10
1120
200
1300
B72240B0421K001
680
±10
1120
300
1800
B72260B0421K001
680
±10
1120
500
4300
B72280B0421K001
680
±10
1120
800
8500
VRMS = 440 V
B72232B0441K001
715
±10
1180
200
1250
B72240B0441K001
715
±10
1180
300
1700
B72260B0441K001
715
±10
1180
500
4100
B72280B0441K001
715
±10
1180
800
8100
VRMS = 460 V
B72232B0461K001
750
±10
1240
200
1200
B72240B0461K001
750
±10
1240
300
1600
B72260B0461K001
750
±10
1240
500
3900
B72280B0461K001
750
±10
1240
800
7700
VRMS = 550 V
B72232B0551K001
910
±10
1500
200
1000
B72240B0551K001
910
±10
1500
300
1400
B72260B0551K001
910
±10
1500
500
3300
B72280B0551K001
910
±10
1500
800
6500
VRMS = 680 V
B72232B0681K001
1100
±10
1815
200
830
B72240B0681K001
1100
±10
1815
300
1100
B72260B0681K001
1100
±10
1815
500
2600
B72280B0681K001
1100
±10
1815
800
5200
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Block varistors
B722*
HighE series
Page 6 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com