Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFA Datasheet(PDF) 4 Page - LEMO Connectors

Part # FFA
Description  HOCHSPANNUNGSFEST HIGH VOLTAGE FIRM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FFA Datasheet(HTML) 4 Page - LEMO Connectors

  FFA Datasheet HTML 1Page - LEMO Connectors FFA Datasheet HTML 2Page - LEMO Connectors FFA Datasheet HTML 3Page - LEMO Connectors FFA Datasheet HTML 4Page - LEMO Connectors FFA Datasheet HTML 5Page - LEMO Connectors FFA Datasheet HTML 6Page - LEMO Connectors FFA Datasheet HTML 7Page - LEMO Connectors FFA Datasheet HTML 8Page - LEMO Connectors FFA Datasheet HTML 9Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Part number example see page 3
®
®
HOCHSPANNUNGSFEST
HIGH VOLTAGE FIRM
BAUFORM S-SERIE
MODEL S-SERIES
20
✓ Bei Lemo vorhanden available at Lemo
ERA Fixed socket, nut fixing
Note:
the 5S series is delivered with a tapered washer and a round nut.
1 unipole model
FLA Elbow (90°) plug, cable collet
Note:
fig.1 is used for the unipole type. fig.2 is used for the multipole type
Reference
Dimensions (mm)
Model
Series
A
A1
H
L
M
S1
S2
FLA
0S
✓
13
13
24.5
23.0
13.0
8
6.5
FLA
1S
16
16
28.5
26.5
15.5
10
8.5
FLA
2S
✓
20
20
37.0
31.0
19.0
13
11.0
FLA
3S
✓
21
21
44.0
38.5
23.5
15
14.0
FLA
4S
28
28
56.0
49.0
31.0
20
19.0
FLA
5S
✓
-37
76.5
65.0
40.0
30
29.0
Reference
Dimensions (mm)
Model
Series
A
B
e
E
L
L
1
MS1
S3
ERA
0S
✓
10 12.5
M9x0.6
7.0
17.5
18.5
1.2
8.2
11
ERA
1S
✓
14 16.0 M12x1.0
7.5
20.2
21.5
1.5
10.5
14
ERA
2S
✓
18 19.5 M15x1.0
8.5
24.5
26.0
1.8
13.5
17
ERA
3S
✓
22 25.2 M18x1.0 11.5
29.0
30.0
2.0
16.5
22
ERA
4S
✓
28 32.0 M25x1.0 12.0
34.0
36.0
2.5
23.5
30
ERA
5S
✓
40 40.0 M35x1.0 15.5
45.0
78.5
3.0
33.5
-
EHP Fixed socket, nut fixing, protruding shell
Reference
Dimensions (mm)
Model
Series
A
B
e
E
L
L
1
MS1
S3
EHP
0S
✓
10 12.5
M9x0.6
2.5
17.5
18.5
12.5
8.2
11
EHP
1S
✓
14 16.0 M12x1.0
3.5
20.2
21.5
12.0
-
14
EHP
3S
✓
22 25.2 M18x1.0
4.0
29.0
30.0
18.7
-
22
Note:
1 unipole model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com