Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4IDC5-SW Datasheet(PDF) 4 Page - Opto 22

Part # G4IDC5-SW
Description  G4 Digital DC Input Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

G4IDC5-SW Datasheet(HTML) 4 Page - Opto 22

  G4IDC5-SW Datasheet HTML 1Page - Opto 22 G4IDC5-SW Datasheet HTML 2Page - Opto 22 G4IDC5-SW Datasheet HTML 3Page - Opto 22 G4IDC5-SW Datasheet HTML 4Page - Opto 22 G4IDC5-SW Datasheet HTML 5Page - Opto 22 G4IDC5-SW Datasheet HTML 6Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
G4 Digital DC Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
4
G4IDC5-SW and G4IDC5-SWNC Modules
Description
Each G4IDC5-SW and G4IDC5-SWNC module provides one
isolated channel of contact status input. Each module supplies
13 volts of power to an external dry contact switch. The
G4IDC5-SW senses switch closure; the G4IDC5-SWNC senses
switch opening. Each user-supplied switch is connected with
two wires. Because these modules include power for the
switch, they are particularly cost-effective when labor costs for
wiring external power are high.
Typical switches for use with these modules are switched
status sensors (level sensors, pressure indicators, etc.),
magnetic reed switches (used on doors or windows for
burglar alarms), snap-action micro switches, the auxiliary
switches on motor starters, and most relay contacts.
CAUTION: G4IDC5-SW and G4IDC5-SWNC inputs are not
intended to be used with contacts that are connected to any
external user-supplied voltage or currents.
Specifications
Field Side Ratings
Open Circuit Voltage (Switch Open)
11 VDC min., 13 VDC typical, 15 VDC max.
Short Circuit Current (Switch Closed)
6 milliamps nominal
Minimum Off Resistance
≥20 K ohms
Maximum Allowable On Resistance
(Wire + Contact Resistance)
500 ohms
Logic Side Ratings
Logic Output Voltage for G4IDC5-SW
(normally open)
<0.5 V max. (switch closed; LED on) @ 2 mA sinking
2.7 V min. (switch open; LED off) @ 0.4 mA sourcing
Logic Output Voltage for G4IDC5-SWNC
(normally closed)
<0.5 V max. (switch open; LED on) @ 2 mA sinking
2.7 V min. (switch closed; LED off) @ 0.4 mA sourcing
Maximum Operating Common Mode
Voltage (Field Term to Logic Connector)
250 V
Power Requirements:
5 VDC (±0.25) @ 25 mA nom.
Module Ratings
Number of Channels Per Module
1
Turn-on Time
8 msec typical
Turn-off Time
8 msec typical
Input-to-output Isolation (transient)
4000 V AC/DC
Temperature
0 °C to 70 °C, operating
–30 °C to 85 °C, storage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com