Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA45MC Datasheet(PDF) 1 Page - TUK Ltd

Part # KA45MC
Description  25 x 38 Keystone Angled Faceplate Adaptor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KA45MC Datasheet(HTML) 1 Page - TUK Ltd

  KA45MC Datasheet HTML 1Page - TUK Ltd KA45MC Datasheet HTML 2Page - TUK Ltd KA45MC Datasheet HTML 3Page - TUK Ltd KA45MC Datasheet HTML 4Page - TUK Ltd KA45MC Datasheet HTML 5Page - TUK Ltd KA45MC Datasheet HTML 6Page - TUK Ltd KA45MC Datasheet HTML 7Page - TUK Ltd KA45MC Datasheet HTML 8Page - TUK Ltd KA45MC Datasheet HTML 9Page - TUK Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
25 x 38 Keystone Angled Faceplate Adaptor
Fitted with keystone as illustration
Keystone angled adaptor faceplate 25 x 38 (KA6-45*ep)
These 25 x 38 angled adaptors have been designed for use with “6C” 25x38 faceplates and
POD/GOP boxes
Features
Angled modules minimize issues with bend radius and are suitable for use with shallow backboxes or
larger keystones
Available in bright white (for faceplates and trunking) and black (for floor boxes etc)
Supplied with an optional hinged shutter, which minimizes the effect of dust
Accommodate keystones which protrude beyond the faceplate, such as fibre, ‘F’ type and speaker
connectors
Window and paper labelling facility
Accommodate most keystone jacks
Not ideal for HDMI connectors
Specifications
Colour: Black (KA6-45bkep) or white (KA6-45whep)
Material: ABS UL94-V0
Dimensions: 25 x 15.2 x 38.5 mm (L x W x H)
Weight: 4g approx
Packaging: in individual polythene bag then in packs of 20
04/11/2016


Similar Part No. - KA45MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA4558 FAIRCHILD-KA4558 Datasheet
115Kb / 10P
Dual Operational Amplifier
logo
ON Semiconductor
KA4558 ONSEMI-KA4558 Datasheet
235Kb / 12P
Dual Operat ional Amplifier
6/1/01 Rev. 1.0.1
logo
List of Unclassifed Man...
KA4558 ETC2-KA4558 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Toshiba Semiconductor
KA4558 TOSHIBA-KA4558 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
ON Semiconductor
KA4558D ONSEMI-KA4558D Datasheet
235Kb / 12P
Dual Operat ional Amplifier
6/1/01 Rev. 1.0.1
More results

Similar Description - KA45MC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-EX2573GD LUMEX-SSF-EX2573GD Datasheet
53Kb / 1P
2mm X 5mm Angled LEd
SSF-EX2573GD-TR LUMEX-SSF-EX2573GD-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573ID LUMEX-SSF-EX2573ID Datasheet
53Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573ID-TR LUMEX-SSF-EX2573ID-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573SRD LUMEX-SSF-EX2573SRD Datasheet
54Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573SUGD LUMEX-SSF-EX2573SUGD Datasheet
52Kb / 1P
2mm X 5mm Angled LED
SSF-EX2573YD-TR LUMEX-SSF-EX2573YD-TR Datasheet
83Kb / 1P
2mm X 5mm Angled LED
logo
Tripp Lite. All Rights ...
U060-000-KPA-BK TRIPPLITE-U060-000-KPA-BK Datasheet
167Kb / 2P
USB 2.0 All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
logo
Transko Electronics, In...
OX-C TRANSKO-OX-C Datasheet
420Kb / 2P
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com