Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPZA65R018CM8 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPZA65R018CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R018CM8 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPZA65R018CM8 Datasheet HTML 1Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R018CM8
Public
Datasheet
4
Revision 2.1
https://www.infineon.com
2025‑03‑07
2   Thermal characteristics
Table 3      Thermal characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Thermal resistance, junction ‑ case
R
0.24
K/W ‑
Thermal resistance, junction ‑ 
ambient
R
62
K/W leaded
Thermal resistance, junction ‑ 
ambient for SMD version
R
K/W ‑
Soldering temperature, 
wavesoldering only allowed at leads T
260
°C 1.6mm (0.063 in.) from case for 
10s
thJC
thJA
thJA
sold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com