Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33982 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33982
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40C  TA  125C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
POWER OUTPUT TIMING
SRRA_SLOW
Output Rising Slow Slew Rate A (DICR D3 = 0)
9.0 V < VPWR < 16 V
0.15
0.5
1.0
V/
s
(20)
SRRB_SLOW
Output Rising Slow Slew Rate B (DICR D3 = 0)
9.0 V < VPWR < 16 V
0.06
0.2
0.6
V/
s
(21)
SRRA_FAST
Output Rising Fast Slew Rate A (DICR D3 = 1)
9.0 V < VPWR < 16 V
0.3
0.8
3.2
V/
s
(20)
SRRB_FAST
Output Rising Fast Slew Rate B (DICR D3 = 1)
9.0 V < VPWR < 16 V
0.06
0.2
2.4
V/
s
(21)
SRFA_SLOW
Output Falling Slow Slew Rate A (DICR D3 = 0)
9.0 V < VPWR < 16 V
0.15
0.5
1.0
V/
s
(20)
SRFB_SLOW
Output Falling Slow Slew Rate B (DICR D3 = 0)
9.0 V < VPWR < 16 V
0.06
0.2
0.6
V/
s
(21)
SRFA_FAST
Output Falling Fast Slew Rate A (DICR D3 = 1)
9.0 V < VPWR < 16 V
0.6
1.6
3.2
V/
s
(20)
SRFB_FAST
Output Falling Fast Slew Rate B (DICR D3 = 1)
9.0 V < VPWR < 16 V
0.2
0.7
2.4
V/
s
(21)
tDLY(ON)
Output Turn-ON Delay Time in Fast/Slow Slew Rate
DICR = 0, DICR = 1
1.0
18
100
s
(22)
tDLY_SLOW(OFF)
Output Turn-OFF Delay Time in Slow Slew Rate Mode
DICR = 0
10
115
250
s
(23)
tDLY_FAST(OFF)
Output Turn-OFF Delay Time in Fast Slew Rate Mode
DICR = 1
5.0
30
100
s
(23)
fPWM
Direct Input Switching Frequency (DICR D3 = 0)
–
300
–
Hz
tOCL0
tOCL1
tOCL2
tOCL3
Overcurrent Low Detection Blanking Time (OCLT[1:0])
00
01
10
11
108
7.0
0.8
0.08
155
10
1.2
0.15
202
13
1.6
0.25
ms
tOCH
Overcurrent High Detection Blanking Time
1.0
10
20
s
Notes
20.
Rise and Fall Slew Rates A measured across a 5.0
resistive load at high-side output = 0.5 V to VPWR-3.5 V. These parameters are guaranteed
by process monitoring.
21.
Rise and Fall Slow Slew Rates B measured across a 5.0
resistive load at high-side output = VPWR-3.5 V to VPWR-0.5 V. These parameters
are guaranteed by process monitoring.
22.
Turn-ON delay time measured from rising edge of any signal (IN, SCLK, CS) that would turn the output ON to VHS = 0.5 V with 
RL = 5.0  resistive load.
23.
Turn-OFF delay time measured from falling edge of any signal (IN, SCLK, CS) that would turn the output OFF to VHS = VPWR-0.5 V with RL =
5.0
 resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com