Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14447A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SC14447A
Description  1.8 V Single Chip for ZBS DECT with RFPA, QSPI, EBI, GPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14447A Datasheet(HTML) 2 Page - Renesas Technology Corp

  SC14447A Datasheet HTML 1Page - Renesas Technology Corp SC14447A Datasheet HTML 2Page - Renesas Technology Corp SC14447A Datasheet HTML 3Page - Renesas Technology Corp SC14447A Datasheet HTML 4Page - Renesas Technology Corp SC14447A Datasheet HTML 5Page - Renesas Technology Corp SC14447A Datasheet HTML 6Page - Renesas Technology Corp SC14447A Datasheet HTML 7Page - Renesas Technology Corp SC14447A Datasheet HTML 8Page - Renesas Technology Corp SC14447A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC14446A, SC14447A Short Datasheet
R32DO0001EE0100 Rev. 01.00
June 26, 2024
CFR0011-120-00
Page 2
• Low Radiation Mode (LRM): -35 dBm
• Output power ramp and flatness control
▪ LGA206 and VFBGA113 packages
▪ Extended temperature range -40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com