Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8DT-AS3CD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # K8DT-AS3CD
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS3CD Datasheet(HTML) 3 Page - Omron Electronics LLC

  K8DT-AS3CD Datasheet HTML 1Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
K8DT-AS
3
Ratings
Specifications
Power supply voltage
K8DT-AS
@@D: 24 VAC 50/60 Hz, 24 VDC
K8DT-AS
@@A: 100 to 240 VAC 50/60 Hz
Power consumption
24 VAC/DC: 1.8 VA/1 W max.
100 to 240 VAC: 2.5 VA max.
Rated insulation
voltage
600 VAC
Operating value
setting range (SV)
10% to 100% of the maximum value of the setting range
K8DT-AS1: 2 to 20 mA AC/DC
10 to 100 mA AC/DC
50 to 500 mA AC/DC
K8DT-AS2: 0.1 to 1 A AC/DC (Compatible with
commercially available CTs.)
0.5 to 5 A AC/DC (Compatible with
commercially available CTs.)
K8DT-AS3: When used with the OMRON CT
(K8AC-CT200L).
10 to 100 A AC
20 to 200 A AC
Operating value
100% operation at set value
Reset value setting
range (HYS)
5% to 50% of operating value
Reset method
Manual reset/automatic reset (switchable)
Note: Manual reset: Turn OFF power supply for
1 s or longer.
Operating time
setting range (T)
0.1 to 30 s
Startup lock time
setting range (LOCK)
0 to 30 s
(The startup lock timer starts when the input has
reached approximately 30% or more of the set value.)
Note: Enabled only for overcurrent operation.
LED Indicators
Power (PWR): Green, Output (OUT): Yellow,
Alarm outputs (ALM): Red
Input impedance
Refer to Input Range on page 2.
Output form
Relay Output: SPDT contact
Transistor Output: 1
Switchable between normally open and normally
closed with a DIP switch setting.
Output relay ratings
Rated load: 250 VAC 5 A or 30 VDC 5 A
(resistive load),
250 VAC 1 A (inductive load),
48 VDC 0.2 A (inductive load)
Minimum load: 5 VDC, 10 mA (reference values)
Mechanical life: 10 million operations min.
Electrical life: 5 A at 250 VAC or 30 VDC: 50,000
operations
3 A at 250 VAC or 30 VDC:100,000
operations
Transistor output
ratings
Rated voltage: 24 VDC (maximum voltage: 26.4 VDC)
Maximum current: 50 mA DC
Ambient operating
temperature
20 to 60°C (with no condensation or icing)
Storage temperature
25 to 65°C (with no condensation or icing)
Ambient operating
humidity
25% to 85% RH (with no condensation)
Storage humidity
25% to 85% RH (with no condensation)
Altitude
2,000 m max.
Applicable wires
Stranded wires, solid wires, or ferrules
Applicable wire size
0.25 to 1.5 mm2 (AWG24 to AWG16)
Wire insertion force
8 N max. for AWG20 wire
Screwdriver
insertion force
15 N max.
Wire stripping length
8 mm
Ferrule length
8 mm
Recommended flat-
blade screwdriver
XW4Z-00B (Omron)
SZF 0.4
2.5 (Phoenix Contact)
210-719 (Wago)
SDI 0.4
2.5
75 (Weidmuller)
Current capacity
10 A (per pole)
Number of insertions
50 times
Case color
N1.5
Case material
PC, UL 94 V-0
Weight
Approx. 100 g
Mounting
Mounts to DIN Track, or screw mounting
Dimensions
17.5
90
90 mm (W H D)
Allowable operating
voltage range
85% to 110% of power supply voltage
Allowable operating
frequency range
50/60 Hz 5 Hz
Input frequency range
K8DT-AS1 and K8DT-AS2:DC input or AC input
(45 to 65 Hz)
K8DT-AS3: AC input (45 to 65 Hz)
Overload capacity
K8DT-AS1 and K8DT-AS2:
Continuous input at 120% of
maximum input, 1 s at 150%
K8DT-AS3:Continuous input at 120%, 30 s at
200%, and 1 s at 600% with an
OMRON CT (K8AC-CT200L)
Note: Overload capacity of primary side of CT.
Repeat error
Operating
value
0.5% full scale (at 25 C and 65% humidity, rated
power supply voltage)
Operating
time
50 ms (at 25 C and 65% humidity, rated power
supply voltage)
Applicable
standards
Conforming
standards
EN 60947-5-1
Installation environment (pollution level 2,
Overvoltage category III)
EMC
EN 60947-5-1
Safety
standards
UL 60947-5-1 (Listing), Korean Radio Waves Act
(Act 10564), CCC (GB14048.5)
Insulation resistance
20 M
min.
Between external terminals and case
Between power supply terminals and input
terminals
Between power supply terminals and output
terminals
Between input terminals and output terminals
Dielectric strength
2,000 VAC for one minute
Between external terminals and case
Between power supply terminals and input
terminals
Between power supply terminals and output
terminals
Between input terminals and output terminals
Impulse withstand
voltage
6 kV (between live terminals and exposed,
non-charged metal parts)
Noise immunity
Square-wave noise of 1- s/100-ns pulse width
with 1-ns rise time
100 to 240 VAC: 1,500 V power supply terminal
common/normal mode
24 VAC: 1,500 V power supply terminal common/
normal mode
24 VDC: 480 V power supply terminal common
Vibration resistance
Frequency 10 to 55 Hz, 0.35-mm single amplitude
10 sweeps of 5 min each in X, Y, and Z directions
Shock resistance
100 m/s2, 3 times each in 6 directions along 3 axes
Degree of protection
Terminals: IP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com