Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4911 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button ACT4911 Datasheet HTML 9Page - Qorvo, Inc ACT4911 Datasheet HTML 10Page - Qorvo, Inc ACT4911 Datasheet HTML 11Page - Qorvo, Inc ACT4911 Datasheet HTML 12Page - Qorvo, Inc ACT4911 Datasheet HTML 13Page - Qorvo, Inc ACT4911 Datasheet HTML 14Page - Qorvo, Inc ACT4911 Datasheet HTML 15Page - Qorvo, Inc ACT4911 Datasheet HTML 16Page - Qorvo, Inc ACT4911 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
13 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
FUNCTIONAL DESCRIPTION
General
ACT4911 provides protection, control, and supple-
mental storage for power failure prevention systems.
This functionality goes by many names: Power Loss
Protection (PLP), Power Loss Imminent (PLI) and
Power Failure Protection (PFP). It provides a system
with additional run time after a power failure to all
the system to save critical data before shutting down.
Typical applications include solid state disk drives (SSD)
and servers. In normal operation when input power is
good, the IC connects the input to the output through
the eFuse. This powers the system load from the
system input power. If an input voltage fault occurs, the
IC disconnects the input from the output and enters
supplement mode, where output power comes from the
high voltage storage capacitor power. The internal buck
converter efficiently converts the storage voltage down
to the regulated output voltage. All startup, storage
capacitor charging, and switching between normal and
supplement mode operation is autonomous and does
not require user intervention.
During start up, the ACT4911 limits the output voltage
dV/dt to minimize system level inrush currents. After
softstart is complete, the IC charges the storage
capacitors with the internal boost converter. The IC
automatically recharges the storage capacitors as
needed. The IC contains extensive protection circuitry
to protect against input voltage overvoltage and
undervoltage, output voltage overload and short circuit,
degraded storage capacitors, and thermal overload.
The IC communicates with the host processor via I2C
and GPIOs. The nIRQ pin indicates general faults which
can be read by the host processor via I2C. A dedicated
power failure pin, PLI, automatically and immediately
goes low to indicate a power loss condition. This gives
the system advanced warning to complete all active
tasks and shutdown. See the Pin Function section for
additional PLI pin functionality.
The ACT4911 is highly flexible and contains many I2C
configurable functions. The IC’s default functionality is
defined by its default CMI (Code Matrix Index), but
much of this functionality can be changed via I2C. I2C
functionality includes storage voltage setting, OV and
UV fault thresholds, switching frequencies, ADC control
and automatic fault thresholds, PLI pin functionality,
health check settings, and current limits. The CMI
Options section shows the default settings for each
available CMI option. Contact Qorvo for additional infor-
mation about other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT4911 uses standard I2C commands. The
ACT4911 operates as a slave device, and can be
factory configured to one of three 7-bit slave addresses.
The 7-bit slave address is followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation. Refer to each specific
CMI for the IC’s slave address
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x1Ah
001 1010b
0x34h
0x35h
0x3Ah
011 1010b
0x74h
0x75h
0x5Ah
101 1010b
0xB4h
0xB5h
The I2C packet processing state machine does not have
a timeout function, however, any time the I2C state ma-
chine receives a start bit command, it immediately re-
sets the packet processing, even if it is in the middle of
a valid packet. The I2C functionality is operational in all
states except RESET.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pull-up resistor. Signals on these pins must meet
timing requirements in the Electrical Characteristics
Table.
I2C Registers
The ACT4911 contains an array of internal registers that
contain the IC’s basic instructions for setting up the IC
configuration,
output
voltages,
sequencing,
fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify
the
R/W
register
values
to
change
IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values
to
change
IC
functionality.
Changes
in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com