Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8147/01 Datasheet(PDF) 10 Page - Carclo Technical Plastics Limited

Part # 8147/01
Description  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COIL [Carclo Technical Plastics Limited]
Direct Link  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

8147/01 Datasheet(HTML) 10 Page - Carclo Technical Plastics Limited

Back Button 8147/01 Datasheet HTML 6Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 7Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 8Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 9Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 10Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 11Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 12Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 13Page - Carclo Technical Plastics Limited 8147/01 Datasheet HTML 14Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PROFESSIONAL
ATMAX LED ILLUMINATED MAGINIFIER
Product Code
Maginification
Effective Power
Effective Focal Length (mm)
Lens Type
Lens Dimension (mm)
8273
3.0X
9D
111.54
Bi-aspheric
83x59
8275
5.0X
16D
62.5
Aspheric
∅60
8277
7.0X
24D
42.37
Aspheric
∅57.6
8100 ATM
DISPLAY CASE
10
www.coil.co.uk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com