Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M7 Datasheet(PDF) 7 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 7 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M7 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 11Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Cross Trigger Interface
The processor includes an optional Cross Trigger Interface Unit which includes an interface suitable
for connection to external CoreSight components using a Cross Trigger Matrix.
MBIST Interface
The MBIST Interface is used for testing the RAMs during production test. The Cortex-M7
processor also allows the RAMs to be tested using the MBIST interface during normal execution.
This is known as online MBIST.
AXIM Interface
The AXIM interface provides high-performance access to an external memory system. The AXIM
interface supports use of the Arm CoreLink L2C-310 Level 2 Cache Controller. L2C-310 exclusive
cache configuration is not supported.
Cortex-M7 Processor Pipeline
6-stage, in order, superscalar pipeline
Integer pipe:
– Dual shifters, dual ALUs, one MAC-capable
Float pipe:
– FP instructions can be dual issued with integer instructions
– BTAC and branch predictor boost performance
Figure 3: Cortex-M7
processor pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com