Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # RT1
Description  Remote Access Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

RT1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  RT1 Datasheet HTML 1Page - Omron Electronics LLC RT1 Datasheet HTML 2Page - Omron Electronics LLC RT1 Datasheet HTML 3Page - Omron Electronics LLC RT1 Datasheet HTML 4Page - Omron Electronics LLC RT1 Datasheet HTML 5Page - Omron Electronics LLC RT1 Datasheet HTML 6Page - Omron Electronics LLC RT1 Datasheet HTML 7Page - Omron Electronics LLC RT1 Datasheet HTML 8Page - Omron Electronics LLC RT1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT1-series
2
Architecture & Key features
Ordering Information
SiteManager
Note: Communication Services necessitate a subscription to Secomea Prime, provided by Secomea.
Product description
Integrated 4G
Integrated WiFi
No. of Device Agents
Model Number
SiteManager LAN
No
No
10
RT100-EMM3010
SiteManager 4G Global
Yes (Global)
No
10
RT100-4GM3010-G
SiteManager 4G JP
Yes (JP)
No
10
RT100-4GM3010-J
SiteManager WiFi
No
Yes
10
RT100-W5M3010
Connect multiple IIoT devices simultaneously
Connect up to 10 devices of all types of industrial
equipment via Ethernet using the equipment's native
protocols.
Collect data from industrial equipment
Collects data from industrial devices via e.g.,
Modbus, OPC UA and send the raw data for
further data analysis and processing to your
chosen cloud solution such as Azure, AWS, etc.
DCM function requires subscription to
"Professional" package.
Easy & firewall friendly Internet access
Enable secure connectivity to the Internet through
the firewall of the existing wired network
infrastructure and wirelessly by 4G/ LTE Global
modem or via WiFi.
Persistent store-and-forward database
Integrated Flash memory extends the RAM based
store-and-forward database to ensure data integrity
for not only loss of Internet access, but also
power-loss.
Drag & drop SCADA tunnelling setup
LogTunnel provides secure static tunnel
connections and seamless integration to a central
SCADA system which operates concurrently with
other services, such as on-demand access control
and data collection.
Log Tunnel requires subscription to "Professional"
package.
Safety compliance via digital ports
Digital input allowing operator control of remote
access, e.g. via a physical switch, and digital output
for signaling active access sessions, e.g. via a
light-tower.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com