Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS620SLIM Datasheet(PDF) 1 Page - Synology Inc.

Part # DS620SLIM
Description  DiskStation DS620slim
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS620SLIM Datasheet(HTML) 1 Page - Synology Inc.

  DS620SLIM Datasheet HTML 1Page - Synology Inc. DS620SLIM Datasheet HTML 2Page - Synology Inc. DS620SLIM Datasheet HTML 3Page - Synology Inc. DS620SLIM Datasheet HTML 4Page - Synology Inc. DS620SLIM Datasheet HTML 5Page - Synology Inc. DS620SLIM Datasheet HTML 6Page - Synology Inc. DS620SLIM Datasheet HTML 7Page - Synology Inc. DS620SLIM Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mini Private Server
Combining Performance
and Style
Greet the unique and compact DS620slim,
ready to boost your productivity at work, and its
mini design allows it to blend in any workplace
harmoniously. With feature-rich DiskStation
Manager (DSM) at your disposal, DS620slim
is an ideal file server delivering seamless file
synchronization and solid backup solution
while securely safeguarding your critical
services. DS620slim also comes with 4K video
transcoding support, perfect for streaming
ultra-high definition media contents. DS620slim
is backed up by Synology's 2-year limited
warranty.
DiskStation
DS620slim
Highlights
• Mini-sized yet powerful 6-bay NAS, ready to
maximize your work productivity
• 6 drive bays with better RAID flexibility to configure
2.5” HDDs and SSDs
• 2GB DDR3L memory, expandable up to 6GB
• Over 220 MB/s reading and 190 MB/s writing even
under encrypted data transmission1
• Dual-channel H.265/H.264 4K video transcoding on
the fly2
• Advanced Btrfs file system, offering 65,000 system-
wide snapshots and 1,024 snapshots per shared
folder
• Anywhere access with iOS and Android™ ready
mobile apps
DATASHEET | DiskStation DS620slim


Similar Part No. - DS620SLIM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS620 DALLAS-DS620 Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS620 MAXIM-DS620 Datasheet
249Kb / 15P
Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
logo
Richtek Technology Corp...
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
logo
Dallas Semiconductor
DS620U DALLAS-DS620U Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS620U MAXIM-DS620U Datasheet
249Kb / 15P
Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com