Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7497S Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7497S
Description  8W8W15W TRIPLE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497S Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7497S Datasheet HTML 1Page - STMicroelectronics TDA7497S Datasheet HTML 2Page - STMicroelectronics TDA7497S Datasheet HTML 3Page - STMicroelectronics TDA7497S Datasheet HTML 4Page - STMicroelectronics TDA7497S Datasheet HTML 5Page - STMicroelectronics TDA7497S Datasheet HTML 6Page - STMicroelectronics TDA7497S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TDA7497S
April 2003
s
8+8W (RL = 8
Ω) + 15W ( RL = 4Ω)
OUTPUT POWER @THD = 10%, Vcc = 25V
s
INDEPENDENT MUTE FOR CENTER
CHANNEL AND MAIN CHANNELS
s
NO TURN-ON TURN-OFF POP NOISE
s
NO BOUCHEROT CELL
s
SINGLE SUPPLY RANGING UP TO 35V
s
SHORT CIRCUIT PROTECTION
s
THERMAL OVERLOAD PROTECTION
s
INTERNALLY FIXED GAIN
s
SOFT CLIPPING
s
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7497S is a triple 8+8+15W class AB power
amplifier assembled in the @ Multiwatt 15 package,
specially designed for high quality sound, TV applica-
tions.
Features of the TDA7497S include mute functions,
independently controller for main and center chan-
nels.
Multiwatt15
ORDERING NUMBER: TDA7497S
8W+8W+15W TRIPLE AMPLIFIER
BLOCK DIAGRAM
OP AMP
+
-
MUTE
PROTECTIONS
1
470nF
C1
C11
0.1
µF
C2
C3
C4
INR
30K
OP AMP
+
-
30K
C10
0.1
µF
C9
1000
µF
C8 1000
µF
C6 1000
µF
C7
1
µF
10K R1
10K R2
5
470nF
INL
8
S_GND
14
9
10
12
OUTR
MUTE2
MUTE1
OUTL
11
PW_GND
470
µF
SVR
7
D98AU961B
VS
PW_GND
15
13
S1 MUTE2
(CENTER)
+5V
+VS
S2 MUTE1
(L/R)
+5V
S_GND
60K
C12 1
µF
OP AMP
+
-
30K
1000
µF
C5
6
470nF
INC
3
OUTC
4
PW_GND_C
VS_C
2
MULTIPOWER BI50II TECHNOLOGY


Similar Part No. - TDA7497S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
More results

Similar Description - TDA7497S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
LM2879 Dual 8W Audio Amplifier
logo
STMicroelectronics
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
8W AUDIO AMPLIFIER
Mar-1993
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
8W AMPLIFIER WITH MUTING
May-1997
logo
WJ Communication. Inc.
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
logo
Transcom, Inc.
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 8W Amplifier
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Everlight Electronics C...
XUAN1313-KM407P1-36408 EVERLIGHT-XUAN1313-KM407P1-36408 Datasheet
1Mb / 24P
36V/8W series
logo
List of Unclassifed Man...
UPC1185H2 ETC2-UPC1185H2 Datasheet
46Kb / 1P
Power Amplifier 5, 8W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com