Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 12Page - STMicroelectronics TDA7491HV Datasheet HTML 13Page - STMicroelectronics TDA7491HV Datasheet HTML 14Page - STMicroelectronics TDA7491HV Datasheet HTML 15Page - STMicroelectronics TDA7491HV Datasheet HTML 16Page - STMicroelectronics TDA7491HV Datasheet HTML 17Page - STMicroelectronics TDA7491HV Datasheet HTML 18Page - STMicroelectronics TDA7491HV Datasheet HTML 19Page - STMicroelectronics TDA7491HV Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Package information
TDA7491HV
16/26
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: http://www.st.com.
Figure 21.
PowerSSO-36 package dimensions
DIM.
mm
in c h
MIN.
TYP.
M AX. MIN . T YP.
MAX.
A
2.15
2.4 7 0.08 4
0.097
A2
2 .1 5
2.4 0 0.084
0.09 4
a1
0
0.075
0
0.003
b
0.18
0.3 6 0.00 7
0.014
c
0.23
0.3 2 0.00 9
0.012
D (1)
10.10
10 .50 0 .3980.413
E (1)
7.47.6
0 .2910.299
e0.5
0 .019
e3
8.5
0.335
F2.3
0 .090
G
0.1 0
0.00 4
G1
0 .06
0 .002
H
10.10
10.5 0 0.39 8
0.413
h
0.4 0
0.01 6
k
û
5û
L
0.55
0.9 0 0.02 2
0.035
M4.3
0 .169
N10û
10û
O1.2
0 .047
Q0.8
0 .031
S2.9
0 .114
T
.65
0.144
U1.0
0 .039
X4.1
4 .70.161
0 .185
Y6.5
7 .30.256
0 .287
(1) "D” and“E" d onot in clu de m o
ld flash o rprotru sio n sMo ld
fla sh
or pr
otrusio n ssh a ll n o t
exce ed 0.
1 5 mm p e r s
id e (
0.006”)
Po
Po
we r
o
owerSSO-36
7587131 A
G
L E AD C O PL AN AR IT Y
BO T T O M VIEW
D
e3
0.1
A
MB
b
e
A
Y
T
M
L
hx 45
û
U
O
B
exposed pad (or slug) down
Outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com