Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6743 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Datasheet(HTML) 1 Page - STMicroelectronics

  L6743 Datasheet HTML 1Page - STMicroelectronics L6743 Datasheet HTML 2Page - STMicroelectronics L6743 Datasheet HTML 3Page - STMicroelectronics L6743 Datasheet HTML 4Page - STMicroelectronics L6743 Datasheet HTML 5Page - STMicroelectronics L6743 Datasheet HTML 6Page - STMicroelectronics L6743 Datasheet HTML 7Page - STMicroelectronics L6743 Datasheet HTML 8Page - STMicroelectronics L6743 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
August 2007
Rev 1
1/17
1
L6743
L6743Q
High current MOSFET driver
Features
Dual MOSFET driver for synchronous rectified
converters
High driving current for fast external MOSFET
switching
Integrated bootstrap diode
High frequency operation
Enable pin
Adaptive dead-time management
Flexible gate-drive: 5V to 12V compatible
High-impedance (HiZ) management for output
stage Shutdown
Preliminary OV protection
SO-8 and DFN10 3x3 packages
Applications
High current VRM / VRD for Desktop / Server /
Workstation CPUs
High current and high efficiency DC / DC
converters
Description
L6743, L6743Q is a flexible, high-frequency dual-
driver specifically designed to drive N-channel
MOSFETs connected in Synchronous-Rectified
Buck topology.
Combined with ST PWM Controllers, the driver
allows implementing complete voltage regulator
solutions for modern high-current CPUs and
DCDC conversion in general. L6743, L6743Q
embeds high-current drivers for both high-side
and low-side MOSFETS. The device accepts
flexible power supply (5V to 12V) to optimize the
gate-drive voltage for High-Side and Low-Side
maximizing the System Efficiency.
The Bootstrap diode is embedded saving the use
of external diodes. Anti shoot-through
management avoids high-side and low-side
mosfet to conduct simultaneously and, combined
with Adaptive Dead-Time control, minimizes the
LS body diode conduction time.
L6743, L6743Q embeds Preliminary OV
Protection: after Vcc overcomes the UVLO and
while the device is in HiZ, the LS MOSFET is
turned ON to protect the load in case the output
voltage overcomes a warning threshold protecting
the output against HS failures.
The driver is available is SO8 and DFN10 3x3
packages
SO-8
DFN10 3x3
Table 1.
Device summary
Order code
Package
Packaging
L6743
SO-8
Tube
L6743TR
SO-8
Tape & Reel
L6743Q
DFN10
Tube
L6743QTR
DFN10
Tape & Reel
www.st.com


Similar Part No. - L6743

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743BTR STMICROELECTRONICS-L6743BTR Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6743DTR STMICROELECTRONICS-L6743DTR Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
More results

Similar Description - L6743

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
High Current MOSFET Driver
August 1997
logo
STMicroelectronics
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
High current MOSFET driver
20-Aug-2007
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com