Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6741 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6741
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6741 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6741 Datasheet HTML 7Page - STMicroelectronics L6741 Datasheet HTML 8Page - STMicroelectronics L6741 Datasheet HTML 9Page - STMicroelectronics L6741 Datasheet HTML 10Page - STMicroelectronics L6741 Datasheet HTML 11Page - STMicroelectronics L6741 Datasheet HTML 12Page - STMicroelectronics L6741 Datasheet HTML 13Page - STMicroelectronics L6741 Datasheet HTML 14Page - STMicroelectronics L6741 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L6741
Device description and operation
11/16
5.6
Layout guidelines
L6741 provides driving capability to implement high-current step-down DC-DC converters.
The first priority when placing components for these applications has to be reserved to the
power section, minimizing the length of each connection and loop as much as possible. To
minimize noise and voltage spikes (also EMI and losses) power connections must be a part
of a power plane and anyway realized by wide and thick copper traces: loop must be anyway
minimized. The critical components, such as the power MOSFETs, must be close one to the
other. However, some space between the power MOSFET is still required to assure good
thermal cooling and airflow.
Traces between the driver and the MOSFETS should be short and wide to minimize the
inductance of the trace so minimizing ringing in the driving signals. Moreover, VIAs count
needs to be minimized to reduce the related parasitic effect.
The use of multi-layer printed circuit board is recommended.
Small signal components and connections to critical nodes of the application as well as
bypass capacitors for the device supply are also important. Locate the bypass capacitor
(VCC, PVCC and BOOT capacitors) close to the device with the shortest possible loop and
use wide copper traces to minimize parasitic inductance.
Systems that do not use Schottky diodes in parallel to the Low-Side MOSFET might show
big negative spikes on the phase pin. This spike can be limited as well as the positive spike
but has an additional consequence: it causes the bootstrap capacitor to be over-charged.
This extra-charge can cause, in the worst case condition of maximum input voltage and
during particular transients, that boot-to-phase voltage overcomes the abs.max.ratings also
causing device failures. It is then suggested in this cases to limit this extra-charge by adding
a small resistor RBOOT in series to the boot capacitor. The use of RBOOT also contributes in
the limitation of the spike present on the BOOT pin.
For heat dissipation, place copper area under the IC. This copper area may be connected
with internal copper layers through several VIAs to improve the thermal conductivity. The
combination of copper pad, copper plane and VIAs under the driver allows the device to
reach its best thermal performances.
Figure 7.
Driver turn-on and turn-off paths
RGATE
RINT
CGD
CGS
CDS
VCC
LS DRIVER
LS MOSFET
GND
LGATE
RGATE
RINT
CGD
CGS
CDS
BOOT
HS DRIVER
HS MOSFET
PHASE
HGATE
VCC
RBOOT
CBOOT
RBOOT
CBOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com