Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS6830 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS6830
Description  16-Channel Multicell Battery Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6830 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS6830 Datasheet HTML 1Page - Analog Devices ADBMS6830 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADBMS6830
16-Channel Multicell Battery Monitor
Rev. SpE
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
Simultaneous and continuous measurement of 16 cell voltages
Passive cell balancing with programmable pulse-width modula-
tion control per channel
Supports simultaneous cell balancing on adjacent channels
Configurable digital low-pass filters per channel
Bidirectional isoSPI interface
2 Mbps isolated serial communications
Uses a single twisted pair cable
Low EMI susceptibility and emissions
Capacitor or transformer-coupled
Low-power cell monitoring mode
Bus bar bypass and measurement support
Up to 10 pins configurable as general-purpose analog input or
digital I/O
Temperature or other sensor inputs
Configurable as an I2C or SPI controller
Maximum lifetime TME: ±1.8 mV at 3.3 V per cell (−40°C to
+125°C)
Sleep-state supply current of 4 μA
72-/80-lead side-solderable package with exposed pad
AEC-Q100 qualified for automotive applications
ISO 26262 life cycle, ASIL D
APPLICATIONS
Electric and hybrid electric vehicles
Backup battery systems
Grid energy storage
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADBMS6830 is a multicell battery stack monitor that measures
up to 16 series-connected battery cells.
All cells can be measured simultaneously with two individual
analog-to-digital converters (ADCs). Each channel includes a pro-
grammable digital low-pass filter. A second set of similar ADCs
provides closely correlated measurements to ensure redundant
measurement capability required to meet safety standards.
The ADBMS6830 allows bus bars to be bypassed and direct meas-
urement of negative bus bar voltages.
The ADBMS6830 has a bidirectional isolated serial-port inter-
face (isoSPI) for high-speed, RF-immune communication over
simple twisted pair cables. Using the isoSPI interface, multiple
ADBMS6830s may be connected in a daisy-chain configuration to
a battery management system (BMS) controller enabling simultane-
ous monitoring of long, high-voltage strings of battery cells. Using
the bidirectional feature, the daisy-chain may also be configured to
provide communication redundancy to protect against a cable break
along the chain.
The ADBMS6830 is powered directly from the battery to be meas-
ured by the linear regulator. The device supports internal and exter-
nal passive balancing with individually programmable pulse-width
modulation (PWM) control. When in SLEEP state, the device draws
4 µA, which minimizes the discharge of the battery stack.
For more information on the ADBMS6830, contact BMS_Doc_Request@analog.com.


Similar Part No. - ADBMS6830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
ADBMS6830B AD-ADBMS6830B Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
ADBMS6830BCSWZ AD-ADBMS6830BCSWZ Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
ADBMS6830BCSWZ-RL AD-ADBMS6830BCSWZ-RL Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
More results

Similar Description - ADBMS6830

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
Multicell Battery Monitor
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
ADBMS6817M AD-ADBMS6817M Datasheet
185Kb / 2P
8-Channel Multicell Battery Monitor
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com