Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL42005ACPZ-3.0-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL42005ACPZ-3.0-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-3.0-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL42005ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-3.0-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
13 of 26
Figure 27. Reverse Input Current (IREV-INPUT) vs. Temperature
(TJ), VIN = 0V, Different Voltages on VOUT
Figure 28. PSRR vs. Frequency, VOUT = 5V, for Various
Headroom Voltages
Figure 29.Output Noise vs. Load Current and Output
Voltage, COUT = 1µF
Figure 30. Load Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA to 500mA, VOUT = 1.8V, VIN = 5V
Figure 31. Load Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA to 500mA, VOUT = 3.3V, VIN = 5V
Figure 32. Load Transient Response, CIN = COUT = 1µF,
ILOAD = 1mA to 500mA, VOUT = 5V, VIN = 7V
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
3.3V
4V
5V
6V
8V
10V
12V
15V
18V
20V
0
10
20
30
40
50
60
70
80
90
10k
1k
100
10
100k
1M
FREQUENCY (Hz)
0.7V
0.8V
1.0V
1.2V
5
0
10
15
20
25
30
0.01
0.001
0.0001
0.00001
0.1
1
LOAD CURRENT (A)
3.3V
1.8V
5V
5VADJ
5VADJ NR
CH2 50mV
CH1 500mA
M 20µs
A CH1
270mA
1
2
T 10%
LOAD CURRENT
OUTPUT VOLTAGE
CH2 50mV
CH1 500mA
M 20µs
A CH1
280mA
1
2
T 10.2%
LOAD CURRENT
OUTPUT VOLTAGE
CH2 50mV
CH1 500mA
M 20µs
A CH1
300mA
1
2
T 10.2%
LOAD CURRENT
OUTPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com