Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5031BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5031BCCZN-R7
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5031BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5031BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
ADRF5031
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Wideband frequency range, 9 kHz to 20 GHz
Nonreflective 50 Ω design
Low insertion loss
0.6 dB typical between 9 kHz to 6 GHz
0.8 dB typical between 6 GHz to 12 GHz
1.05 dB typical between 12 GHz to 20 GHz
High isolation
55 dB typical between 9 kHz to 6 GHz
50 dB typical between 6 GHz to 12 GHz
45 dB typical between 12 GHz to 20 GHz
High input linearity
P0.1dB: 35 dBm typical
IP3: 62 dBm typical
High RF power handling
Through path: 35 dBm peak and 33 dBm average
Terminated path: 32 dBm peak and 30 dBm average
Hot switching (RFC): 35 dBm peak and 33 dBm average
Hot switching (RFx): 32 dBm peak and 30 dBm average
CMOS/LVTTL compatible
No low-frequency spur; no negative voltage generator
RF on and off time: 5.0 µs
RF settling time (0.1 dB): 5.3 µs
Single-supply operation (VDD = 3.3 V, VSS = 0 V)
20-terminal, 3 mm × 3 mm, LGA package
Pin compatible with ADRF5023 and ADRF5027
APPLICATIONS
Test instrumentation
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5031 is a nonreflective, SPDT switch manufactured us-
ing the silicon on insulator (SOI) process. The ADRF5031 operates
from 9 kHz to 20 GHz with an insertion loss of lower than 1.05 dB
and isolation of higher than 45 dB. The device has an RF input
power handling capability of 33 dBm average and 35 dBm peak for
forward and reverse through paths, hot switching through the RFC
port, and 30 dBm average and 32 dBm peak for terminated paths
and hot switching through RFx ports. The ADRF5031 operates
with dual-supply voltages of ±3.3 V. The ADRF5031 employs com-
plementary metal-oxide semiconductor (CMOS) and low-voltage
transistor to transistor logic (LVTTL)-compatible control.
The ADRF5031 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated. See Table 2 for more details.
The ADRF5031 is pin compatible with the ADRF5023 and
ADRF5027 and also pin compatible with ADRF5030, a fast switch-
ing version, which operates between 100 MHz to 20 GHz.
The ADRF5031 is packaged in a 20-terminal, 3 mm × 3 mm,
RoHS-compliant, land grid array (LGA) and operates from −40°C to
+105°C.


Similar Part No. - ADRF5031BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5031BCCN AD-ADRF5031BCCN Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5031BCCN-R7 AD-ADRF5031BCCN-R7 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results

Similar Description - ADRF5031BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS229-350 SKYWORKS-AS229-350_07 Datasheet
273Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-6 GHz
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com