Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84JB2V7H Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84JB2V7H
Description  550mW, 2.4V - 75V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84JB2V7H Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX84JB2V7H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84JB2V7H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84JB2V7H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX84JB2V7H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX84JB2V7H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX84JB2V7H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZX84JB2V4H
– BZX84JB75H
Taiwan Semiconductor
1
Version: A2503
550mW, 2.4V - 75V Surface Mount Zener Diode
FEATURES
● AEC-Q101 qualified
● Zener voltage range selection: 2.4V to 75V
● VZ tolerance selection of ± 2%
● Ideally suited for automated assembly processes
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● General regulation functions
MECHANICAL DATA
● Case: SOD-323F
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 4.60mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
PD
550
mW
VZ
2.4 - 75
V
TJ MAX
150
°C
VF at IF=10mA
0.9
V
Configuration
Single die
PACKAGE: SOD-323F
PIN CONFIGURATION
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Power dissipation(1)
PD
550
mW
Forward voltage @ IF=10mA
VF
0.9
V
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, 1cm2 pad
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-ambient thermal resistance(1)
RӨJA
227
°C/W
Thermal Performance Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, 1cm2 pad


Similar Part No. - BZX84JB2V7H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
More results

Similar Description - BZX84JB2V7H

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CDSS355CY CYSTEKEC-CDSS355CY Datasheet
146Kb / 3P
75V/150mA SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com