Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC595FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VHC595FN
Description  8-Bit Shift Register/Latch (3-state)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC595FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC595FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC595FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74VHC595F/FN/FT/FK
2007-10-01
7
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
―
8.8
13.0
1.0
15.0
3.3 ± 0.3
50
―
11.3
16.5
1.0
18.5
15
―
6.2
8.2
1.0
9.4
Propagation delay
time
(SCK-QH’)
tpLH
tpHL
―
5.0 ± 0.5
50
―
7.7
10.2
1.0
11.4
ns
15
―
8.4
12.8
1.0
13.7
3.3 ± 0.3
50
―
10.9
16.3
1.0
17.2
15
―
5.9
8.0
1.0
9.1
Propagation delay
time
( SCLR -QH’)
tpHL
―
5.0 ± 0.5
50
―
7.4
10.0
1.0
11.1
ns
15
―
7.7
11.9
1.0
13.5
3.3 ± 0.3
50
―
10.2
15.4
1.0
17.0
15
―
5.4
7.4
1.0
8.5
Propagation delay
time
(RCK-Qn)
tpLH
tpHL
―
5.0 ± 0.5
50
―
6.9
9.4
1.0
10.5
ns
15
―
7.5
11.5
1.0
13.5
3.3 ± 0.3
50
―
9.0
15.0
1.0
17.0
15
―
4.8
8.6
1.0
10.0
Output enable time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
―
8.3
10.6
1.0
12.0
ns
3.3 ± 0.3
50
―
12.1
15.7
1.0
16.2
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
―
7.6
10.3
1.0
11.0
ns
15
80
150
―
70
―
3.3 ± 0.3
50
55
130
―
50
―
15
135
185
―
115
―
Maximum clock
frequency
fmax
―
5.0 ± 0.5
50
95
155
―
85
―
MHz
Input capacitance
CIN
―
―
4
10
―
10
pF
Output capacitance
COUT
―
―
6
―
―
―
pF
Power dissipation
capacitance
CPD
(Note)
―
87
―
―
―
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com