Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP390 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMP390
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP390 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMP390 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Bosch Sensortec | BMP390 Datasheet
3 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP390-DS002-07 Revision_1.7_032021
Key features
Table 1: Key Features of BMP390
Package
2.0 mm x 2.0 mm x 0.75 mm metal lid LGA
Digital interface
I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
Supply voltage
VDD main supply voltage range: 1.65 V to 3.6 V
VDDIO interface voltage range: 1.2 V to 3.6 V
Relative accuracy
typ. ± 3 Pa, equiv. to ± 0.25 m
(700 … 1100 hPa, 25 . . . 40 °C )
Absolute accuracy
typ. ± 50 Pa
(300 ...1100 hPa, -0 ...+65 °C)
Temperature coefficient offset
mean value ± 0.6 Pa/K
(25 – 40°C @900 hPa)
Current consumption
3.2 µA at 1 Hz pressure and temperature
1.4 µA in sleep mode
Operating range
-40 ‒ +85 °C, 300‒1250 hPa
The product is RoHS compliant, halogen-free, MSL1
BMP390 enables accurate altitude tracking and is specifically suited for mobile applications. The best-in-class TCO between
-20-65°C for accurate altitude measurement over a wide temperature range of the BMP390 greatly enhance use cases like
indoor navigation and localization. It is compatible for use with other Bosch sensors, including the IMUs like BMI260 for better
performance, robustness and stability. The new BMP390 sensor offers outstanding design flexibility, providing a single
package solution that can also be easily integrated into other existing and upcoming devices such as smartphones, wearables
smart homes and industrial products.
The sensor is more accurate than its predecessor BMP380, covering a wide measurement range from 300 hPa to 1250 hPa.
This new barometric pressure sensor exhibits an attractive price-performance ratio coupled with low power consumption.
It is available in a compact 10-in 2.0 x 2.0 x 0.75 mm³ LGA package with metal lid
Due to the built-in hardware synchronization of the pressure sensor data and its ability to synchronize data from external
devices such as acceleration sensors, the BMP390 is ideally suited for fitness and navigation applications which require
highly accurate, low power and low latency sensor data fusion.
The new interrupt functionality provides simple access to data and storage. Examples of interrupts than can be used in a
power efficient manner without using software algorithms include: Data ready interrupt, watermark interrupt (on byte level)
or FIFO full interrupt.
BMP390 also includes a new FIFO functionality. This greatly improves ease of use while helping to reduce power
consumption of the overall device system during full operation. The integrated 512 byte FIFO buffer supports low power
applications and prevents data loss in non-real-time systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com