Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFD2-187 Datasheet(PDF) 1 Page - Multicomp Pro

Part # FDFD2-187
Description  Vinyl Fully Insulated Double Crimp Female Quick Disconnects
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FDFD2-187 Datasheet(HTML) 1 Page - Multicomp Pro

  FDFD2-187 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
12/08/20
Vinyl Fully Insulated Double Crimp
Female Quick Disconnects
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Max. Electric Current:
A.W.G. 22
20
18
16
14
12
10
AMP.
3
4
7
10
15
20
24
Max. Electrical Rating : 105°C 600 Volts Max.
Insulation Material
: Vinyl
Insulation Colour
: Red (22-16A.W.G.), Blue (16-14A.W.G.) & Yellow (12-10A.W.G.)
Double Crimp
: With Copper Sleeve on Barrel
Terminal Material
: Brass
Terminal Barrel I.D:
22-16A.W.G. : C = 1.7mm
16-14A.W.G. : C = 2.3mm
12-10A.W.G. : C = 3.4mm
Part Number Table
Description
Wire
Range Colour
Nema Tab
Dimension inch(mm)
Part Number
W
F
L
B
D
T
Vinyl Fully
Insulated Double
Crimp Female
Quick
Disconnects
22-16
A.W.G.
0.5-1.5
mm2
Red
0.032" × 0.187"
(0.8mm × 4.75mm)
0.197
5
0.252
6.4
0.807
20.5
0.413
10.5
0.157
4
0.014
0.35 FDFD1-187(8)
0.032" × 0.25"
(0.8mm × 6.35mm)
0.26
6.6
0.295
7.5
0.858
21.8
0.413
10.5
0.157
4
0.016
0.4
FDFD1-250
16-14
A.W.G.
1.5-2.5
mm2
Blue
0.032" × 0.187"
(0.8mm × 4.75mm)
0.197
5
0.252
6.4
0.795
20.2
0.413
10.5
0.185
4.7
0.014
0.35 FDFD2-187(8)
0.032" × 0.25"
(0.8mm × 6.35mm)
0.26
6.6
0.295
7.5
0.874
22.2
0.413
10.5
0.185
4.7
0.016
0.4
FDFD2-250
12-10
A.W.G.
4-6 mm2
Yellow
0.032" × 0.25"
(0.8mm × 6.35mm)
0.26
6.6
0.295
7.5
0.953
24.2
0.492
12.5
0.244
6.2
0.016
0.4
FDFD5-250
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - FDFD2-187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDFD2-1878 ETC2-FDFD2-1878 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
More results

Similar Description - FDFD2-187

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
logo
Molex Electronics Ltd.
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
InsulKrimp??Female Fully Insulated Quick Disconnect
0190050010 MOLEX4-0190050010 Datasheet
111Kb / 3P
InsulKrimp??Fully Insulated Female Quick
0196001302 MOLEX4-0196001302 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
logo
PANDUIT CORP.
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
Hubbell Incorporated.
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
FQP18F25X03D HUBBELL-FQP18F25X03D Datasheet
260Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 22 - 18 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com