Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ3001.. Datasheet(PDF) 1 Page - Multicomp Pro

Part # MJ3001..
Description  Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MJ3001.. Datasheet(HTML) 1 Page - Multicomp Pro

  MJ3001.. Datasheet HTML 1Page - Multicomp Pro MJ3001.. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
15/04/20
Darlington Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
The is a silicon epitaxial-base NPN power transistors in monolithic Darlington configuration
and are mounted in JEDEC TO-3 metal case. They are intended for use in power linear and
switching applications.
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-Base Voltage (Ie = 0)
Vcbo
80
V
Collector-Emitter Voltage (Ib = 0)
Vceo
Emitter-Base Voltage (Ic = 0)
Vebo
5
Collector Current
Ic
10
A
Base Current
Ib
0.2
Total Dissipation at Tc ≤25°C
Ptot
150
W
Storage Temperature
tstg
-65 to +200
°C
Maximum Operating Junction Temperature
Tj
200
Electrical Characteristics (Tcase = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min.
Max.
Unit
Collector Cut-off Current (Rbe = 1kΩ)
Vce = 80V
Tcase = 150°C
Vce = 80V
Icer
-
-
1
5
μA
Collector Cut-off Current (Ib = 0)
Vce = 30V
Vce = 40V
Iceo
-
-
1
1
Emitter Cut-off Current (Ic = 0)
Veb = 5V
Iebo
-
2
-
Collector-Emitter Sustaining Voltage (Ib = 0)
Ic = 100mA
VCEO (sus)*
80
-
V
Collector-Emitter Saturation Voltage
Ic = 5A
Ib = 20mA
Ic = 10A
Ib = 50mA
Vce (sat)*
-
2
4
Base-Emitter Voltage
Ic = 5A Vce = 3V
Vbe*
-
3
DC Current Gain
Ic = 5A Vce = 3V
hfe*
1,000
-
-
*Pulsed : Pulse Duration = 300µs, Duty Cycle 1.5%
TO-3
Internal Schematic Diagram


Similar Part No. - MJ3001..

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ3001 MOTOROLA-MJ3001 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
logo
ON Semiconductor
MJ3001 ONSEMI-MJ3001 Datasheet
98Kb / 4P
DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
logo
STMicroelectronics
MJ3001 STMICROELECTRONICS-MJ3001 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
MJ3001 CENTRAL-MJ3001 Datasheet
54Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
MJ3001 ETC1-MJ3001 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
More results

Similar Description - MJ3001..

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4351 NEC-2SC4351 Datasheet
110Kb / 6P
DARLINGTON POWER TRANSISTOR
logo
List of Unclassifed Man...
2N6388 ETC2-2N6388 Datasheet
207Kb / 6P
Darlington Power Transistor
logo
Guangdong Kexin Industr...
FMMT734 KEXIN-FMMT734 Datasheet
37Kb / 2P
Power Darlington Transistor
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com