| Electronic Components Datasheet Search |
|
ACPL-K44CT Datasheet(PDF) 14 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ACPL-K44CT Datasheet(HTML) 14 Page - Abracon Corporation |
|
14 / 16 page ![]() Broadcom ACPL-K43CT-K44CT-DS100 14 ACPL-K43CT, ACPL-K44CT Data Sheet Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package Thermal Resistance Model for ACPL-K44CT The diagram of ACPL-K44CT for measurement is shown in Figure 18. Here, one die is heated first and the temperatures of all the dice are recorded after thermal equilibrium is reached. Then, the second, third, and fourth die are heated and all the dice temperatures are recorded. With the known ambient temperature, the die junction temperature and power dissipation, the thermal resistance can be calculated. The thermal resistance calculation can be cast in matrix form. This yields a 4 by 4 matrix for the case of two heat sources. Figure 18: Diagram of ACPL-K44CT for Measurement R11 R12 R13 R14 × P1 = ΔT1 R21 R22 R23 R24 P2 ΔT2 R31 R32 R33 R34 P3 ΔT3 R41 R42 R43 R44 P4 ΔT4 R11 : Thermal Resistance of Die1 due to heating of Die1 (°C/W) R12 : Thermal Resistance of Die1 due to heating of Die2 (°C/W) R13 : Thermal Resistance of Die1 due to heating of Die3 (°C/W) R14 : Thermal Resistance of Die1 due to heating of Die4 (°C/W) R21 : Thermal Resistance of Die2 due to heating of Die1 (°C/W) R22 : Thermal Resistance of Die2 due to heating of Die2 (°C/W) R23 : Thermal Resistance of Die2 due to heating of Die3 (°C/W) R24 : Thermal Resistance of Die2 due to heating of Die4 (°C/W) R31 : Thermal Resistance of Die3 due to heating of Die1 (°C/W) R32 : Thermal Resistance of Die3 due to heating of Die2 (°C/W) R33 : Thermal Resistance of Die3 due to heating of Die3 (°C/W) R34 : Thermal Resistance of Die3 due to heating of Die4 (°C/W) R41 : Thermal Resistance of Die4 due to heating of Die1 (°C/W) R42 : Thermal Resistance of Die4 due to heating of Die2 (°C/W) R43 : Thermal Resistance of Die4 due to heating of Die3 (°C/W) R44 : Thermal Resistance of Die4 due to heating of Die4 (°C/W) P1 : Power dissipation of Die1 (W) P2 : Power dissipation of Die2 (W) P3 : Power dissipation of Die3 (W) P4 : Power dissipation of Die4 (W) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |