Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BULD742CT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BULD742CT4
Description  High voltage fast-switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULD742CT4 Datasheet(HTML) 3 Page - STMicroelectronics

  BULD742CT4 Datasheet HTML 1Page - STMicroelectronics BULD742CT4 Datasheet HTML 2Page - STMicroelectronics BULD742CT4 Datasheet HTML 3Page - STMicroelectronics BULD742CT4 Datasheet HTML 4Page - STMicroelectronics BULD742CT4 Datasheet HTML 5Page - STMicroelectronics BULD742CT4 Datasheet HTML 6Page - STMicroelectronics BULD742CT4 Datasheet HTML 7Page - STMicroelectronics BULD742CT4 Datasheet HTML 8Page - STMicroelectronics BULD742CT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BULD742C
Electrical ratings
3/12
1
Electrical ratings
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VBE = 0)
1050
V
VCEO
Collector-emitter voltage (IB = 0)
400
V
VEBO
Emitter-base voltage (IC = 0, IB = 2 A, tp < 10 ms)
V(BR)EBO
V
IC
Collector current
4
A
ICM
Collector peak current (tP < 5ms)
8
A
IB
Base current
2
A
IBM
Base peak current (tP < 5ms)
4
A
Ptot
Total dissipation at Tc = 25°C
45
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction - case
2.78
°C/W
Rthj-amb Thermal resistance junction - ambient
73
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com