Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX-RLINK Datasheet(PDF) 5 Page - STMicroelectronics

Part # STX-RLINK
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX-RLINK Datasheet(HTML) 5 Page - STMicroelectronics

  STX-RLINK Datasheet HTML 1Page - STMicroelectronics STX-RLINK Datasheet HTML 2Page - STMicroelectronics STX-RLINK Datasheet HTML 3Page - STMicroelectronics STX-RLINK Datasheet HTML 4Page - STMicroelectronics STX-RLINK Datasheet HTML 5Page - STMicroelectronics STX-RLINK Datasheet HTML 6Page - STMicroelectronics STX-RLINK Datasheet HTML 7Page - STMicroelectronics STX-RLINK Datasheet HTML 8Page - STMicroelectronics STX-RLINK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
5/124
1 DESCRIPTION
The
ST7LITE0x
and
ST7SUPERLITE
(ST7LITESx) are members of the ST7 microcon-
troller family. All ST7 devices are based on a com-
mon industry-standard 8-bit core, featuring an en-
hanced instruction set.
The ST7LITE0x and ST7SUPERLITE feature
FLASH memory with byte-by-byte In-Circuit Pro-
gramming (ICP) and In-Application Programming
(IAP) capability.
Under software control, the ST7LITE0x and
ST7SUPERLITE devices can be placed in WAIT,
SLOW, or HALT mode, reducing power consump-
tion when the application is in idle or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data are located
in section 13 on page 81.
Figure 1. General Block Diagram
8-BIT CORE
ALU
RESET
PORT B
PORT A
SPI
8-BIT ADC
w/ WATCHDOG
PB4:0
(5 bits)
1 MHz. RC OSC
Internal
CLOCK
CONTROL
RAM
(128 Bytes)
PA7:0
(8 bits)
VSS
VDD
POWER
SUPPLY
FLASH
+
PLL x 4 or x 8
LITE TIMER
MEMORY
DATA EEPROM
(128 Bytes)
12-BIT AUTO-
RELOAD TIMER
LVD/AVD
(1 or 1.5K Bytes)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com