Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC30FD2 Datasheet(PDF) 15 Page - International Rectifier

Part # IRGBC30FD2
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC30FD2 Datasheet(HTML) 15 Page - International Rectifier

Back Button IRGBC30FD2 Datasheet HTML 11Page - International Rectifier IRGBC30FD2 Datasheet HTML 12Page - International Rectifier IRGBC30FD2 Datasheet HTML 13Page - International Rectifier IRGBC30FD2 Datasheet HTML 14Page - International Rectifier IRGBC30FD2 Datasheet HTML 15Page - International Rectifier IRGBC30FD2 Datasheet HTML 16Page - International Rectifier IRGBC30FD2 Datasheet HTML 17Page - International Rectifier IRGBC30FD2 Datasheet HTML 18Page - International Rectifier IRGBC30FD2 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TEMPERATURE & HUMIDITY (THB)
T0247 Package
Junction Temperature:
85°C
Relative Humidity:
85% rh
Applied Bias:
Vge = 0V
Vce = as specified
N Channel
MID FREQUENCY ( Fast )
DEVICE
DATE
COLLECTOR
QTY
ACTUAL
FAILURES
TYPE
CODE
VOLTAGE
TEST
TIME
#
MODE
(V)
(hours)
(note b)
IRGPF30F
9642
100
20
2000 0
TOTALS
20
2000 0
N Channel
HIGH FREQUENCY ( Ultra-Fast )
DEVICE
DATE
COLLECTOR
QTY
ACTUAL
FAILURES
TYPE
CODE
VOLTAGE
TEST
TIME
#
MODE
(V)
(hours)
(note b)
IRGPC40U
9538
500
20
1504 3
1
IRGPC40U
9620
500
20
1504 4
1
IRG4PC40UD2
9643
100
20
2051 0
IRGPH60UD2
9450
500
10
1008 0
TOTALS
70
6067 7
NOTES
b.
FAILURE MODES:
1.
3 devices failed @ 1504hrs 85/85 and 4 devices failed @
1552 HRS 85/85 all the failures were due to termination
structure corrosion, caused by moisture ingression.
IGBT / CoPack
Quarterly Reliability Report
Page 15 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com