Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5602 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5602
Description  2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDACs with I2C Compatible Interface in LFCSP and SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5602 Datasheet HTML 16Page - Analog Devices AD5602 Datasheet HTML 17Page - Analog Devices AD5602 Datasheet HTML 18Page - Analog Devices AD5602 Datasheet HTML 19Page - Analog Devices AD5602 Datasheet HTML 20Page - Analog Devices AD5602 Datasheet HTML 21Page - Analog Devices AD5602 Datasheet HTML 22Page - Analog Devices AD5602 Datasheet HTML 23Page - Analog Devices AD5602 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5602/AD5612/AD5622
APPLICATIONS INFORMATION
analog.com
Rev. F | 21 of 24
CHOOSING A REFERENCE AS POWER
SUPPLY
The AD5602/AD5612/AD5622 come in tiny LFCSP and SC70 pack-
ages with less than 100 µA supply current, thereby making the
choice of reference dependent upon the application requirement.
For space-saving applications, the ADR425 is available in an SC70
package with excellent drift at 3ppm/°C. It also provides very good
noise performance at 3.4 µV p-p in the 0.1 Hz to 10 Hz range.
Because the supply current required by the AD5602/AD5612/
AD5622 DACs is extremely low, they are ideal for low supply appli-
cations. The ADR293 voltage reference is recommended in this
case. This requires 15 µA of quiescent current and can therefore
drive multiple DACs in the one system, if required.
Figure 50. ADR425 as Power Supply
Examples of some recommended precision references for use as
supplies to the AD5602/AD5612/AD5622 are shown in Table 9.
Table 9. Recommended Precision References
Device No.
Initial
Accuracy
(mV max)
Temperature Drift
(ppm/°C max)
0.1 Hz to 10 Hz Noise (µV
p-p typ)
ADR435
±6
3
3.4
ADR425
±6
3
3.4
ADR02
±5
3
15
ADR395
±6
25
5
BIPOLAR OPERATION
The AD5602/AD5612/AD5622 are designed for single-supply oper-
ation, but a bipolar output range is also possible using the circuit
in Figure 51. The circuit in Figure 51 gives an output voltage range
of ±5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
úû
ù
êë
é
÷
ø
ö
ç
è
æ
´
-
÷
ø
ö
ç
è
æ
+
´
÷
ø
ö
ç
è
æ
´
=
R1
R2
V
R1
R2
R1
D
V
V
DD
n
DD
O
2
(2)
where:
D represents the input code in decimal.
n represents the bit resolution of the DAC.
With VDD = 5 V, R1 = R2 = 10 kΩ.
V
5
2
10
-
÷
ø
ö
ç
è
æ ´
=
n
O
D
V
(3)
This is an output voltage range of ±5 V with 0x000 corresponding to
a −5 V output, and 0xFFF corresponding to a +5 V output.
Figure 51. Bipolar Operation with the AD5602/AD5612/AD5622
POWER SUPPLY BYPASSING AND
GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the board.
The printed circuit board containing the AD5602/AD5612/AD5622
has separate analog and digital sections, each having its own area
of the board. If the AD5602, AD5612, or AD5622 is in a system
in which other devices require an AGND to DGND connection, the
connection is made at one point only. This ground point must be as
close as possible to the AD5602/AD5612/AD5622.
The power supply to the AD5602/AD5612/AD5622 is bypassed with
10 µF and 0.1 µF capacitors. The capacitors must be physically
as close as possible to the device with the 0.1 µF capacitor ideally
right up against the device. The 10 µF capacitors are the tantalum
bead type. It is important that the 0.1 µF capacitor has low effective
series resistance (ESR) and effective series inductance (ESI), such
as common ceramic types. This 0.1 µF capacitor provides a low
impedance path to ground for high frequencies caused by transient
currents due to internal logic switching.
The power supply line has as large a trace as possible to provide
a low impedance path and reduce glitch effects on the supply line.
Clocks and other fast switching digital signals must be shielded
from other devices of the board by digital ground. Avoid crossover
of digital and analog signals if possible. When traces cross on
opposite sides of the board, ensure they run at right angles to
each other to reduce feedthrough effects through the board. The
best board layout technique is the microstrip technique where the
component side of the board is dedicated to the ground plane only
and the signal traces are placed on the solder side. However, the
microstrip technique is not always possible with a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com