Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWAZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADBMS1818ASWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADBMS1818ASWAZ Datasheet HTML 35Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 36Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 37Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 38Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 39Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 40Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 41Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 42Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 39 of 92
Thermal Shutdown
To protect the ADBMS1818 from overheating, there is a thermal
shutdown circuit included inside the IC. If the temperature detected
on the die rises above approximately 150°C, the thermal shutdown
circuit trips and resets the configuration register groups and S
Control Register Group (including S control bits in PWM/S Control
Register Group B) to their default states and turns off all discharge
switches. When a thermal shutdown event has occurred, the THSD
bit in Status Register Group B goes high. The CLRSTAT command
can also set the THSD bit high for diagnostic purposes. This bit
is cleared when a read operation is performed on Status Register
Group B (RDSTATB command). The CLRSTAT command sets the
THSD bit high for diagnostic purposes but does not reset the
configuration register groups.
Revision Code
The Status Register Group B contains a 4-bit revision code (REV).
If software detection of the device revision is necessary, contact
the factory for details. Otherwise, ignore the code. In all cases,
however, the values of all bits must be used when calculating the
packet error code (PEC) on data reads.
WATCHDOG AND DISCHARGE TIMER
When there is no valid command for more than 2 seconds, the
watchdog timer expires, which resets the configuration register
bytes CFGAR0-3 and the GPIO bits in Configuration Register
Group B in all cases. CFGAR4, CFGAR5, the S Control Register
Group (including S control bits in PWM/S Control Register Group
B) and the remainder of Configuration Register Group B are reset
by the watchdog timer when the discharge timer is disabled. The
WDT pin is pulled high by the external pull-up when the watchdog
time elapses. The watchdog timer is always enabled, and the timer
resets after every valid command with matching command PEC.
The discharge timer is used to keep the discharge switches turned
on for programmable time duration. If the discharge timer is being
used, the discharge switches are not turned off when the watchdog
timer is activated.
To enable the discharge timer, connect the DTEN pin to VREG (see
Figure 63). In this configuration, the discharge switches remain on
for the programmed time duration that is determined by the DCTO
value written in Configuration Register Group A. Table 33 shows the
various time settings and the corresponding DCTO value.
Figure 63. Watchdog and Discharge Timer
Table 32. DCTO Settings
DCTO
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Time
(Minutes)
Disabled 0.5
1
2
3
4
5
10
15
20
30
40
60
75
90
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com