Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS6822 Datasheet(PDF) 23 Page - Analog Devices

Part # ADBMS6822
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6822 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADBMS6822 Datasheet HTML 19Page - Analog Devices ADBMS6822 Datasheet HTML 20Page - Analog Devices ADBMS6822 Datasheet HTML 21Page - Analog Devices ADBMS6822 Datasheet HTML 22Page - Analog Devices ADBMS6822 Datasheet HTML 23Page - Analog Devices ADBMS6822 Datasheet HTML 24Page - Analog Devices ADBMS6822 Datasheet HTML 25Page - Analog Devices ADBMS6822 Datasheet HTML 26Page - Analog Devices ADBMS6822 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 23 of 28
LPCM TIMEOUT MONITOR
The ADBMS6821/ADBMS6822 transceivers can be configured to
work as the timeout monitor in systems using the LPCM feature
of select ADBMS battery monitors. During LPCM operation, the bat-
tery monitors can be configured to monitor the cell stack for a varie-
ty of alert conditions and regularly communicate this condition by
sending heartbeat messages to the transceiver, all while consuming
very low average power. The transceiver monitors these heartbeat
messages from the battery monitors to determine whether to assert
the INTR pin high to alert the microcontroller. A simplified block
diagram of an LPCM BMS system is shown in Figure 41.
Figure 41. Simplified LPCM BMS
To function as a timeout monitor, the XCVRMD pin must have a 20
kΩ pull-down to GND, and the RTO pin condition sets the timeout
period for the timeout monitor. The microcontroller drives the MSTR
pin high while communicating through the transceiver to the BMS
devices. To enable the LPCM operation, the microcontroller first
configures the ADBMS battery monitors for LPCM operation and
then drives the MSTR pin low to activate the timeout monitor
feature of the transceiver.
When the timeout monitor is activated by driving MSTR pin low, the
transceiver initially asserts the INTR pin high. The timeout monitor
assumes that until the first heartbeat message has fully propagated
through the daisy chain, there may be a fault in the system in the
initial state. This transition of the INTR pin from low to high also
serves as an indication to the microcontroller that the timeout mon-
itor function has been activated. The INTR pin remains asserted
high until a pass heartbeat message is received from the battery
monitors. The battery monitors are designed to initiate the first
heartbeat sequence quickly after initially enabling LPCM operation.
Thus, the initial status of the cell stack is quickly evaluated and
the INTR pin is deasserted low if no faults are indicated. Leaving
the INTR pin asserted until the cell stack is evaluated provides the
microcontroller with further confirmation that the LPCM operation
has begun and the cell stack is not in an unexpected condition.
After the INTR pin is deasserted low, the internal timer is reset to 0.
If a pass heartbeat message is received before the timeout period,
INTR remains low and the internal timer is reset again, which starts
another timeout period. If a fail heartbeat message is received or
if the timeout expires, INTR is asserted high. The INTR pin gives
an alert when a failure is indicated by the battery monitors or cases
where the communication link has failed. INTR can connect to an
interrupt pin on the microcontroller to wake it up, or it can be used
to turn on a power supply to power up the BMS controller.
After timeout monitor operation has begun, the VDD and VDDS
pins are not required to be supplied. The system can choose to
disable power to these supplies to limit power consumption in the
system. The INTR pin output can operate from the power supplied
to the VP pin. The isoSPI output drivers on the IP pin and IM pin
are not active. Therefore, the VDD pin supply is not required.
If the VDDS pin is supplied during timeout monitor operation, the
transceiver continues to translate any received isoSPI traffic to the
SPI port, which allows the microcontroller to observe the heartbeat
messages and confirm that LPCM is working properly. The micro-
controller can also diagnose the ability of LPCM to detect failure
by forcing a failure detection in the configuration of the battery
monitors and confirming that the INTR pin indicates the failure.
To exit timeout monitor operation, supply the VDD and VDDS pins,
drive the MSTR pin high (the INTR pin deasserts low), and then
send a communication sequence to the battery monitors to end
their LPCM operation. The microcontroller can then resume normal
communication with the battery monitors.
LPCM RTO (RESISTOR TIMEOUT) PIN
The RTO pins on the ADBMS6821/ADBMS6822 transceivers set
the timeout period when the device is configured as an LPCM time-
out monitor. The timeout period settings are defined to be 50% larg-
er than the corresponding measurement period used on the LPCM
battery monitors to allow variance in the oscillator performance
between the battery devices and the transceiver. The suggested
1% resistor values for the timeout periods and the corresponding
LPCM measurement periods are shown in Table 23.
Table 23. RTO Resistor Selection
Timeout Period (sec)
RTO Resistor (kΩ) to GND
Measurement
Period (sec)
1.5
GND or 100
1
3
17.8
2
6
30.9
4
12
43.2
8
18
56.2
12
24
68.1
16
48
80.6
32
LPCM INTR PIN
The INTR pins of the ADBMS6821/ADBMS6822 transceivers are
current-limited outputs that indicate the LPCM interrupt state when
the device is configured as a timeout monitor. For the description of
the INTR operation, see the LPCM Timeout Monitor section.
The INTR output is current-limited to a nominal 20 µA (both for
pull-up and pull-down). The maximum output voltage can range
from VDD − 1.5 V to VDD (no DC loadings) depending on the supply
voltage of the VP and VDD pins. If that voltage is not compatible
with the input voltage limit of a connected device, a Zener diode
clamp or a level shifter may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com