Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-6617/883 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HM-6617/883
Description  2K x 8 CMOS PROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM-6617/883 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HM-6617/883 Datasheet HTML 1Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 2Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 3Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 4Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 5Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 6Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HM-6617/883
FN3016 Rev.3.00
Page 2 of 7
June 2004
Functional Diagram
LATCHED
ADDRESS
REGISTER
GATED
ROW
DECODER
16
128 x 128
MATRIX
128
7
7
A
A
E
A
G
G
A10
A9
A7
A8
A6
A5
A4
MSB
L
LATCHED ADDRESS
REGISTER
A0
A1
A2
A3
GATED COLUMN
DECODER AND DATA
OUTPUT CONTROL
4
L
MSB
LSB
LSB
16 16 16 16 16 16 16
A
4
G
ADDRESS LATCHES AND GATED DECODERS:
GATE ON FALLING EDGE OF G
LATCH ON FALLING EDGE OF E
ALL LINES POSITIVE LOGIC: ACTIVE HIGH
A HIGH
OUTPUT ACTIVE
THREE-STATE BUFFERS:
8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com