Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP388 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
8 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
AP
1100 . . 1250 hPa
0 . . 65 °C
-1.5
±0.50
1.5
hPa
Resolution of
output data in
highest resolution
mode at lowest
bandwidth
RP
Pressure
0.016
Pa
Noise in pressure
Vp,full
Full bandwidth, highest
resolution
See chapter 3.4.4
1.2
Pa
Vp,filtered
Lowest bandwidth, highest
resolution
See chapter 3.4.4
0.03
Pa
Absolute accuracy
temperature3
AT
@ 25 °C
±0.3
°C
0 . . . +65 °C
±0.50
°C
Long term stability4
∆
Pstab
12 months
±0.33
hPa
Solder drifts
Minimum solder height 50
µm
< ±1.0
hPa
Start-up time
tstartup
Time to first communication
after both VDD > 1.58V and
VDDIO > 0.65V
2
ms
Possible sampling
rate
fsample
osrs_t = osrs_p = 1;
See chapter 3.9
200
Hz
ODR accuracy
∆
tstandby
25°C
2
+/- 125
%
3
Temperature measured by the internal temperature sensor. This temperature value depends on the PCB temperature, sensor element self-heating and
ambient temperature and is typically above ambient temperature.
4
Long term stability is specified in the full accuracy operating pressure range 0 … 65°C
5
From -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com