Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPH40FD2 Datasheet(PDF) 18 Page - International Rectifier

Part # IRGPH40FD2
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH40FD2 Datasheet(HTML) 18 Page - International Rectifier

Back Button IRGPH40FD2 Datasheet HTML 14Page - International Rectifier IRGPH40FD2 Datasheet HTML 15Page - International Rectifier IRGPH40FD2 Datasheet HTML 16Page - International Rectifier IRGPH40FD2 Datasheet HTML 17Page - International Rectifier IRGPH40FD2 Datasheet HTML 18Page - International Rectifier IRGPH40FD2 Datasheet HTML 19Page - International Rectifier IRGPH40FD2 Datasheet HTML 20Page - International Rectifier IRGPH40FD2 Datasheet HTML 21Page - International Rectifier IRGPH40FD2 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
TEMPERATURE CYCLING (T/C) Unbiased
T0247 Package
Temperature Cycle:
Tmin = - 55°C, Tmax = + 150°C
Cycle time:
25 minutes
Bias
None
N Channel
MID / HIGH FREQUENCY
DEVICE
DATE
QTY ACTUAL
FAILURES
TYPE
CODE
CYCLES
#
MODE
(note b)
IRGPC30FD2
9344
39
1000 0
IRGPC50FD2
9237
80
2174 0
IRGPC40U
9538
20
2008 0
IRGPC40U
9620
20
2055 0
IRGPC40UD2
9237
40
1087 0
IRG4PC40UD2
9643
20
1496 0
IRG4PC50U
9721
20
2086 0
IRGPC50UD2
9346
38
1000 0
IRGPF30F
9642
20
2015 0
IRGPH60UD2
9450
10
1044 0
TOTALS
307
15965 0
NOTES
b.
FAILURE MODES:
IGBT / CoPack
Quarterly Reliability Report
Page 18 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com