Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88780 Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
AX88780
31
ASIX ELECTRONICS CORPORATION
4.39 PROMCTRL--EEPROM Control Register
Offset Address= 0xFCB4
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:15
-
R
All 0’s
Reserved
14:12
ROM_CMD R/W
000
EEPROM Command Code.
Driver set this field to represent what type command will be send to EEPROM
device.
110
= read command
111
= erase command
101
= write command
11
ROM_WT
R/W
0
Write EEPROM
Set to ‘1’ to write EEPROM, it will be cleared when MAC finished the write
operation.
10
ROM_RD
R/W
0
Read EEPROM
Set to ‘1’ to read EEPROM, it will be cleared when MAC finished the read
operation. Driver can read PROMDPR register to get the returned data.
9
ROM_RLD
R/W
0
Reload EEPROM
Set to ‘1’ to re-load EEPROM, this bit will be cleared when MAC finished
loading operation.
8
-
R
0
Reserved
7:0
ROM_ADDR R/W
0x00
EEPROM Address
Set this field to define the address for serial EEPROM access. (only support
16-bit data access, 93C56 type)
4.40 MAXRXLEN--Max. RX Packet Length Register
Offset Address= 0xFCB8
Default = 0x0000_0600
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXLEN R/W
0x600
Max RX Packet length
This field defines the max length of received packet. It doesn’t include 4-byte
CRC.
4.41 HASHTAB0--Hash Table0 Register
Offset Address = 0xFCC0
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB0
R/W
0x0000
Hash table:
bit15~bit0
Driver sets HASHTAB0, HASHTAB1, HASHTAB2 and HASHTAB3 to define
64-bit hash table. AX88780 will refer this table to check multicast packet if
multicast filter is enabled for RX. When AX88780 receives a packet then it
extracts the destination address (DA). The DA is calculated by CRC32 algorithm.
After the operation, AX88780 will grab the MSB[31:27] of result as hash table
index. The range of index is from 0 to 63. For example, the hash table is
composite as {HASHTAB3[15:0], HASHTAB2[15:0], HASHTAB1[15:0],
HASHTAB0[15:0]}. If AX88780 detects the MSB[31:27] = 26 of CRC32 of DA
for someone multicast packet, and driver set ‘1’ to HASHTAB1[10], then the
multicast packet will received by AX88780.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com