Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWCSLPM1.TG Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # KWCSLPM1.TG
Description  OSRAM OSTAR® Projection Compact
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KWCSLPM1.TG Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button KWCSLPM1.TG Datasheet HTML 8Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 9Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 10Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 11Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 12Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 13Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 14Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 15Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
KW CSLPM1.TG
DATASHEET
DATASHEET
12 | Version 1.6 | 2025-01-13
Forward Voltage 3)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 1400 mA
KW CSLPM1.TG
-40-20 020406080 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
Relative Luminous Flux 3)
Φ
v/Φv(25 °C) = f(Tj); IF = 1400 mA
KW CSLPM1.TG
-40-20 020406080 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(25°C)
Chromaticity Coordinate Shift 3)
ΔCx, ΔCy = f(T
j); IF = 1400 mA
KW CSLPM1.TG
-40-20 020406080 100 120 140
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com