Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5040 Datasheet(PDF) 15 Page - ams AG

Part # AS5040
Description  10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 15 Page - ams AG

Back Button AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG AS5040 Datasheet HTML 18Page - ams AG AS5040 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AS5040 10-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.6, 03-Oct-06
www.austriamicrosystems.com
Page 15 of 28
12.1 Physical Placement of the Magnet
The best linearity can be achieved by placing the center
of the magnet exactly over the defined center of the IC
package as shown in Figure 20:
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd
Figure 20: Defined IC center and magnet displacement radius
Magnet Placement:
The magnet’s center axis should be aligned within a
displacement radius Rd of 0.25mm from the defined
center of the IC with reference to the edge of pin #1 (see
Figure 20). This radius includes the placement tolerance
of the chip within the SSOP-16 package (+/- 0.235mm).
The displacement radius Rd is 0.485mm with reference to
the center of the chip (see section 10: Alignment Mode)
The vertical distance should be chosen such that the
magnetic field on the die surface is within the specified
limits (see Figure 19). The typical distance “z” between
the magnet and the package surface is 0.5mm to 1.8mm
with the recommended magnet (6mm x 2.5mm). Larger
gaps are possible, as long as the required magnetic field
strength stays within the defined limits.
A magnetic field outside the specified range may still
produce usable results, but the out-of-range condition
will be indicated by MagINCn (pin 1) and MagDECn (pin
2), see Table 3.
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface
Figure 21: Vertical placement of the magnet
13 Simulation Modelling
Figure 22: Arrangement of Hall sensor array on chip (principle)
With reference to Figure 22, a diametrically magnetized
permanent magnet is placed above or below the surface
of the AS5040. The chip uses an array of Hall sensors to
sample the vertical vector of a magnetic field distributed
across the device package surface. The area of magnetic
sensitivity is a circular locus of 1.1mm radius with
respect to the center of the die. The Hall sensors in the
area of magnetic sensitivity are grouped and configured
such that orthogonally related components of the
magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of
the magnetic field. The differential signal X1-X2 will give
an orthogonally related cosine vector of the magnetic
field.
The angular displacement (
Θ) of the magnetic source
with reference to the Hall sensor array may then be
modelled by:
(
)
()
°
±
−
−
=
Θ
5
.
0
2
1
2
1
arctan
X
X
Y
Y
AS5040 die
1
Radius of circular Hall sensor
array: 1.1mm radius
Center of die
2.433 mm
±0.235mm
3.9 mm
±0.235mm
X1
Y1
X2
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com