| Electronic Components Datasheet Search |
|
AFE5832LP Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE5832LP Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 9 page ![]() 4 AFE5832LP SBAS959 – DECEMBER 2018 www.ti.com Product Folder Links: AFE5832LP Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated 6 Device and Documentation Support 6.1 Documentation Support 6.1.1 Related Documentation For related documentation see the following: • AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/√Hz Noise, 14- Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer • ADS8413 16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER • ADS8472 16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE • CDCE72010 Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor • CDCM7005 3.3-V High Performance Clock Synchronizer and Jitter Cleaner • ISO724x High-Speed, Quad-Channel Digital Isolators • LMK0480x Low-Noise Clock Jitter Cleaner with Dual Loop PLLs • OPA1632 High-Performance, Fully-Differential Audio Operational Amplifier • OPA2x11 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifier • SN74AUP1T04 LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE INVERTER GATE • THS413x High-Speed, Low-Noise, Fully-Differential I/O Amplifiers • MicroStar BGA Packaging Reference Guide 6.2 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper right corner, click on Alert me to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 6.3 Community Resources The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help solve problems with fellow engineers. Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and contact information for technical support. 6.4 Trademarks E2E is a trademark of Texas Instruments. All other trademarks are the property of their respective owners. 6.5 Electrostatic Discharge Caution This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. 6.6 Glossary SLYZ022 — TI Glossary. This glossary lists and explains terms, acronyms, and definitions. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |