Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT297 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74ACT297
Description  DIGITAL PHASE-LOCKED LOOP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT297 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74ACT297 Datasheet HTML 4Page - Texas Instruments CD74ACT297 Datasheet HTML 5Page - Texas Instruments CD74ACT297 Datasheet HTML 6Page - Texas Instruments CD74ACT297 Datasheet HTML 7Page - Texas Instruments CD74ACT297 Datasheet HTML 8Page - Texas Instruments CD74ACT297 Datasheet HTML 9Page - Texas Instruments CD74ACT297 Datasheet HTML 10Page - Texas Instruments CD74ACT297 Datasheet HTML 11Page - Texas Instruments CD74ACT297 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CD74ACT297
DIGITAL PHASE-LOCKED LOOP
SCHS297D – AUGUST 1998 – REVISED JUNE 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Carry Pulse
(internal signal)
Borrow Pulse
(internal signal)
I/D CLK
I/D OUT
Figure 4. I/D OUT in Lock Condition
φB
φA2
ECPD OUT
Figure 5. Edge-Controlled Phase-Comparator Waveforms
φB
φA1
XORPD OUT
Figure 6. Exclusive-OR Phase-Detector Waveforms
tTHL
tPHL
1/F max
I/D CLK
tPHL
I/D OUT
tTLH
50% VCC
tw
1.5 V
1.5 V
50% VCC
10%
90%
3 V
0 V
VOL
≈VCC
Figure 7. Clock (ID CLK) to Output (ID OUT) Propagation Delays,
Clock Pulse Duration, and Maximum Clock-Pulse Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com