Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2129 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 55Page - NXP Semiconductors PCA2129 Datasheet HTML 56Page - NXP Semiconductors PCA2129 Datasheet HTML 57Page - NXP Semiconductors PCA2129 Datasheet HTML 58Page - NXP Semiconductors PCA2129 Datasheet HTML 59Page - NXP Semiconductors PCA2129 Datasheet HTML 60Page - NXP Semiconductors PCA2129 Datasheet HTML 61Page - NXP Semiconductors PCA2129 Datasheet HTML 62Page - NXP Semiconductors PCA2129 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
59 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
13. Static characteristics
Table 79.
Static characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
[1] 1.8-
4.2V
VBAT
battery supply voltage
1.8
-
4.2
V
VDD(cal)
calibration supply voltage
-
3.3
-
V
Vlow
low voltage
-
1.2
-
V
IDD
supply current
interface active;
supplied by VDD
SPI-bus (fSCL = 6.5 MHz)
-
-
800
A
I2C-bus (fSCL = 400 kHz)
-
-
200
A
interface inactive (fSCL =0Hz)[2];
TCR[1:0] = 00 (see Table 13 on page 12)
PWRMNG[2:0] = 111 (see Table 19 on page 16);
TSOFF = 1 (see Table 58 on page 41);
COF[2:0] = 111 (see Table 15 on page 14)
VDD = 1.8 V
-
470
-
nA
VDD = 3.3 V
-
700
1500
nA
VDD = 4.2 V
-
800
-
nA
PWRMNG[2:0] = 111 (see Table 19 on page 16);
TSOFF = 1 (see Table 58 on page 41);
COF[2:0] = 000 (see Table 15 on page 14)
VDD = 1.8 V
-
560
-
nA
VDD = 3.3 V
-
850
-
nA
VDD =4.2 V
-
1050
-
nA
PWRMNG[2:0] = 000 (see Table 19 on page 16);
TSOFF = 0 (see Table 58 on page 41);
COF[2:0] = 111 (see Table 15 on page 14)
VDD or VBAT =1.8 V
[3] -
1750
-
nA
VDD or VBAT =3.3 V
[3] -
2150
-
nA
VDD or VBAT =4.2 V
[3] -
2350
3500
nA
PWRMNG[2:0] = 000 (see Table 19 on page 16);
TSOFF = 0 (see Table 58 on page 41);
COF[2:0] = 000 (see Table 15 on page 14)
VDD or VBAT =1.8 V
[3] -
1840
-
nA
VDD or VBAT =3.3 V
[3] -
2300
-
nA
VDD or VBAT =4.2 V
[3] -
2600
-
nA
IL(bat)
battery leakage current
VDD is active supply;
VBAT = 3.0 V
-
50
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com