Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9178GTL+T Datasheet(PDF) 68 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 64Page - Analog Devices ADE9178GTL+T Datasheet HTML 65Page - Analog Devices ADE9178GTL+T Datasheet HTML 66Page - Analog Devices ADE9178GTL+T Datasheet HTML 67Page - Analog Devices ADE9178GTL+T Datasheet HTML 68Page - Analog Devices ADE9178GTL+T Datasheet HTML 69Page - Analog Devices ADE9178GTL+T Datasheet HTML 70Page - Analog Devices ADE9178GTL+T Datasheet HTML 71Page - Analog Devices ADE9178GTL+T Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 68 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x236
AUX1SWELLHALF
Auxiliary 1 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x237
AUX1SWELLONE
Auxiliary 1 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x238
AUX2RMS
Auxiliary 2 Channel Filter Based RMS.
0x00000000
R
0x239
AUX2RMSHALF
Auxiliary 2 Channel Half-Cycle RMS.
0x00000000
R
0x23A
AUX2RMSONE
Auxiliary 2 Channel One-Cycle RMS.
0x00000000
R
0x23B
AUX2DIPHALF
Auxiliary 2 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x23C
AUX2DIPONE
Auxiliary 2 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x23D
AUX2SWELLHALF
Auxiliary 2 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x23E
AUX2SWELLONE
Auxiliary 2 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x23F
AUX3RMS
Auxiliary 3 Channel Filter Based RMS.
0x00000000
R
0x240
AUX3RMSHALF
Auxiliary 3 Channel Half-Cycle RMS.
0x00000000
R
0x241
AUX3RMSONE
Auxiliary 3 Channel One-Cycle RMS.
0x00000000
R
0x242
AUX3DIPHALF
Auxiliary 3 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x243
AUX3DIPONE
Auxiliary 3 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x244
AUX3SWELLHALF
Auxiliary 3 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x245
AUX3SWELLONE
Auxiliary 3 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x246
AUX4RMS
Auxiliary 4 Channel Filter Based RMS.
0x00000000
R
0x247
AUX4RMSHALF
Auxiliary 4 Channel Half-Cycle RMS.
0x00000000
R
0x248
AUX4RMSONE
Auxiliary 4 Channel One-Cycle RMS.
0x00000000
R
0x249
AUX4DIPHALF
Auxiliary 4 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x24A
AUX4DIPONE
Auxiliary 4 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x24B
AUX4SWELLHALF
Auxiliary 4 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x24C
AUX4SWELLONE
Auxiliary 4 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x24D
AUX5RMS
Auxiliary 5 Channel Filter Based RMS.
0x00000000
R
0x24E
AUX5RMSHALF
Auxiliary 5 Channel Half-Cycle RMS.
0x00000000
R
0x24F
AUX5RMSONE
Auxiliary 5 Channel One-Cycle RMS.
0x00000000
R
0x250
AUX5DIPHALF
Auxiliary 5 Channel Minimum RMSHALF for Last Detected Dip.
0x007FFFFF
R
0x251
AUX5DIPONE
Auxiliary 5 Channel Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x252
AUX5SWELLHALF
Auxiliary 5 Channel Maximum RMSHALF for Last Detected Swell.
0x00000000
R
0x253
AUX5SWELLONE
Auxiliary 5 Channel Maximum RMSONE for Last Detected Swell.
0x00000000
R
0x254
AWATT
Phase A Low-pass Filtered Total Active Power.
0x00000000
R
0x255
AVA
Phase A Total Apparent Power.
0x00000000
R
0x256
APF
Phase A Power Factor.
0x00000000
R
0x257
AWATTHR_POS_LO
Phase A Accumulated Positive Total Active Energy, LSB.
0x00000000
R
0x258
AWATTHR_POS_HI
Phase A Accumulated Positive Total Active Energy, MSB.
0x00000000
R
0x259
AWATTHR_NEG_LO
Phase A Accumulated Negative Total Active Energy, LSB.
0x00000000
R
0x25A
AWATTHR_NEG_HI
Phase A Accumulated Negative Total Active Energy, MSB.
0x00000000
R
0x25B
AWATTHR_SIGNED_LO
Phase A Accumulated Signed Total Active Energy, LSB.
0x00000000
R
0x25C
AWATTHR_SIGNED_HI
Phase A Accumulated Signed Total Active Energy, MSB.
0x00000000
R
0x25D
AVAHR_LO
Phase A Accumulated Total Apparent Energy, LSB.
0x00000000
R
0x25E
AVAHR_HI
Phase A Accumulated Total Apparent Energy, MSB.
0x00000000
R
0x25F
BWATT
Phase B Low-pass Filtered Total Active Power.
0x00000000
R
0x260
BVA
Phase B Total Apparent Power.
0x00000000
R
0x261
BPF
Phase B Power Factor.
0x00000000
R
0x262
BWATTHR_POS_LO
Phase B Accumulated Positive Total Active Energy, LSB.
0x00000000
R
0x263
BWATTHR_POS_HI
Phase B Accumulated Positive Total Active Energy, MSB.
0x00000000
R
0x264
BWATTHR_NEG_LO
Phase B Accumulated Negative Total Active Energy, LSB.
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com