Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9112ARNZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADE9112ARNZ
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112ARNZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE9112ARNZ Datasheet HTML 8Page - Analog Devices ADE9112ARNZ Datasheet HTML 9Page - Analog Devices ADE9112ARNZ Datasheet HTML 10Page - Analog Devices ADE9112ARNZ Datasheet HTML 11Page - Analog Devices ADE9112ARNZ Datasheet HTML 12Page - Analog Devices ADE9112ARNZ Datasheet HTML 13Page - Analog Devices ADE9112ARNZ Datasheet HTML 14Page - Analog Devices ADE9112ARNZ Datasheet HTML 15Page - Analog Devices ADE9112ARNZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 12 of 55
REGULATORY APPROVALS
The ADE9112 and ADE9113 are approved by the organizations listed in Table 5. Certifications available on the Safety and Regulatory
Certification for Digital Isolation web page.
Refer to Table 5 for more information about the recommended maximum working voltages for specific cross-isolation waveforms and insulation
levels.
Table 5. ADE9112 and ADE9113 Regulatory Approvals
Regulatory Agency
Standard Certification/Approval
File
VDE
Certified according to DIN EN IEC 60747-17 (VDE 0884-17):2021-10 and EN IEC 60747-17:2020+AC:2021
(Pending)
Reinforced insulation, see Table 4 for characteristics
UL
Recognized under the UL1577 Component Recognition Program
E214100
Single protection, 5000 V RMS isolation voltage
TUV Sud
EN IEC 62368-1:2020/A11:2020
B 056232 0034
Basic insulation at 830 V RMS
Reinforced insulation at 415 V RMS
EN 61010-1:2020/A1:2019
B 056232 0035
Basic insulation at 600 V RMS mains
Reinforced insulation at 300 V RMS mains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com